Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO4154D Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VO4154D
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO4154D Datasheet(HTML) 5 Page - Vishay Siliconix

  VO4154D Datasheet HTML 1Page - Vishay Siliconix VO4154D Datasheet HTML 2Page - Vishay Siliconix VO4154D Datasheet HTML 3Page - Vishay Siliconix VO4154D Datasheet HTML 4Page - Vishay Siliconix VO4154D Datasheet HTML 5Page - Vishay Siliconix VO4154D Datasheet HTML 6Page - Vishay Siliconix VO4154D Datasheet HTML 7Page - Vishay Siliconix VO4154D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 84797
For technical questions, contact: optocouplers.answers@vishay.com
www.vishay.com
Rev. 1.4, 30-Aug-06
5
VO4154/VO4156
Optocoupler, Phototriac Output,
Zero Crossing, High dV/dt, Low
Input Current
Vishay Semiconductors
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 2 - Diode Forward Voltage vs. Forward Current
Fig. 3 - Diode Reverse Voltage vs. Temperature
Fig. 4 - Leakage Current vs. Ambient Temperature
Fig. 5 - On-State Current vs. On-State Voltage
Fig. 6 - Output Off Current (Leakage) vs. Voltage
Fig. 7 - Normalized Trigger Input Current vs. Temperature
0.7
0.9
1.1
1.3
1.5
0.1
1.0
10.0
I
F (mA)
0 °C
25 °C
50 °C
19660
100.0
32
34
36
38
40
42
- 60 - 40 - 20
0
20
40
60
80
100
Temperature (ºC)
I
R = 10 µA
19662
1
10
100
1000
10000
020
40
60
80
100
T
A, Ambient Temperature (°C)
20008
I
RDM at 630 V
1
10
100
1000
1.0
1.5
2.0
2.5
3.0
3.5
25 °C
85 °C
0 °C
I
F = 2 mA
V
TM, On-State Voltage (V)
19685
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
0
200
400
600
800
Voltage (V)
85 °C
25 °C
0 °C
20009
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 60 - 40 - 20
0
20
40
60
80 100
Temperature (ºC)
Normalized I
FT
at 25 ºC
19666


Similar Part No. - VO4154D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO4154D VISHAY-VO4154D Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
VO4154D-X006 VISHAY-VO4154D-X006 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
VO4154D-X007T VISHAY-VO4154D-X007T Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
VO4154D-X007T VISHAY-VO4154D-X007T Datasheet
233Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
More results

Similar Description - VO4154D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL410 VISHAY-IL410 Datasheet
737Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.4, 26-Apr-04
VO4158 VISHAY-VO4158 Datasheet
165Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
IL410 VISHAY-IL410_08 Datasheet
156Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.6, 09-Jan-08
VOT8024AM VISHAY-VOT8024AM Datasheet
160Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
VOT8026AB VISHAY-VOT8026AB_V01 Datasheet
185Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VO4154 VISHAY-VO4154_V01 Datasheet
233Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VOT8024AB VISHAY-VOT8024AB_V01 Datasheet
211Kb / 12P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VO4157 VISHAY-VO4157 Datasheet
146Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.8, 14-Feb-12
VOT8025AB VISHAY-VOT8025AB_V01 Datasheet
193Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VOT8026AB VISHAY-VOT8026AB Datasheet
185Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com