Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO4254D-X006 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VO4254D-X006
Description  Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO4254D-X006 Datasheet(HTML) 5 Page - Vishay Siliconix

  VO4254D-X006 Datasheet HTML 1Page - Vishay Siliconix VO4254D-X006 Datasheet HTML 2Page - Vishay Siliconix VO4254D-X006 Datasheet HTML 3Page - Vishay Siliconix VO4254D-X006 Datasheet HTML 4Page - Vishay Siliconix VO4254D-X006 Datasheet HTML 5Page - Vishay Siliconix VO4254D-X006 Datasheet HTML 6Page - Vishay Siliconix VO4254D-X006 Datasheet HTML 7Page - Vishay Siliconix VO4254D-X006 Datasheet HTML 8Page - Vishay Siliconix VO4254D-X006 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 84798
For technical questions, contact: optocouplers.answers@vishay.com
www.vishay.com
Rev. 1.4, 30-Aug-06
5
VO4254/VO4256
Optocoupler, Phototriac Output,
High dV/dt, Low Input Current
Vishay Semiconductors
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 2 - Diode Forward Voltage vs. Forward Current
Fig. 3 - Diode Reverse Voltage vs. Temperature
Fig. 4 - Leakage Current vs. Ambient Temperature
Fig. 5 - On-State Current vs. On-State Voltage
Fig. 6 - Output Off Current (Leakage) vs. Voltage
Fig. 7 - Normalized Trigger Input Current vs. Temperature
0.7
0.9
1.1
1.3
1.5
0.1
1.0
10.0
I
F (mA)
0 °C
25 °C
50 °C
19660
100.0
32
34
36
38
40
42
- 60 - 40 - 20
0
20
40
60
80
100
Temperature (ºC)
I
R = 10 µA
19662
1
10
100
1000
- 60 - 40 - 20
0
20
40
60
80 100
T
A, Ambient Temperature (°C)
19682
I
DRM at 630 V
1
10
100
1000
01
23
25 °C
85 °C
0 °C
I
F = 2 mA
V
TM, On-State Voltage (V)
19683
- 10
0
10
20
30
40
50
60
70
80
0
200
400
600
800
Voltage (V)
85 °C
25 °C
0 °C
19684
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 60 - 40 - 20
0
20
40
60
80 100
Temperature (ºC)
Normalized I
FT
at 25 ºC
19666


Similar Part No. - VO4254D-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO4254D-X006 VISHAY-VO4254D-X006 Datasheet
137Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.7, 13-Apr-12
More results

Similar Description - VO4254D-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL420 VISHAY-IL420_12 Datasheet
169Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.0, 29-Mar-11
VO4258H VISHAY-VO4258H Datasheet
129Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 29-Feb-12
IL4216-X001 VISHAY-IL4216-X001 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 20-Oct-10
IL420 VISHAY-IL420_13 Datasheet
168Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.1, 11-Jun-13
VO4257 VISHAY-VO4257 Datasheet
107Kb / 8P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 03-Nov-08
VO4254 VISHAY-VO4254_12 Datasheet
137Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.7, 13-Apr-12
VO4258 VISHAY-VO4258_V01 Datasheet
181Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
IL420 VISHAY-IL420 Datasheet
271Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 26-Apr-04
VO4256 VISHAY-VO4256_V01 Datasheet
230Kb / 11P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
IL420 VISHAY-IL420_V01 Datasheet
197Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com