Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO4254D-X007 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VO4254D-X007
Description  Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO4254D-X007 Datasheet(HTML) 7 Page - Vishay Siliconix

  VO4254D-X007 Datasheet HTML 1Page - Vishay Siliconix VO4254D-X007 Datasheet HTML 2Page - Vishay Siliconix VO4254D-X007 Datasheet HTML 3Page - Vishay Siliconix VO4254D-X007 Datasheet HTML 4Page - Vishay Siliconix VO4254D-X007 Datasheet HTML 5Page - Vishay Siliconix VO4254D-X007 Datasheet HTML 6Page - Vishay Siliconix VO4254D-X007 Datasheet HTML 7Page - Vishay Siliconix VO4254D-X007 Datasheet HTML 8Page - Vishay Siliconix VO4254D-X007 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 84798
For technical questions, contact: optocouplers.answers@vishay.com
www.vishay.com
Rev. 1.4, 30-Aug-06
7
VO4254/VO4256
Optocoupler, Phototriac Output,
High dV/dt, Low Input Current
Vishay Semiconductors
PACKAGE DIMENSIONS in inches (millimeters)
i178014
0.008 (0.20)
0.012 (0.30)
0.130 (3.30)
0.150 (3.81)
0.130 (3.30)
0.150 (3.81)
0.033 (0.84) Typ.
0.300 (7.62)
typ.
0.033 (0.84) Typ.
0.100 (2.54) Typ.
0.039
(1.00)
Min.
0.018 (0.46)
0.020 (0.51)
0.048 (1.22)
0.052 (1.32)
0.248 (6.30)
0.256 (6.50)
0.335 (8.50)
0.343 (8.70)
Pin one ID
6
5
4
1
2
3
18°
3° - 9°
0.300 - 0.347
(7.62 - 8.81)
Typ.
ISO Method A
0.407 (10.36)
0.391 (9.96)
Option6
MIN.
0.300 (7.62)
TYP.
MIN.
MAX.
0.028 (0.7)
MIN.
Option 7
18450-1
0.307 (7.8)
0.291 (7.4)
0.014 (0.35)
0.010 (0.25)
0.400 (10.16)
0.430 (10.92)
0.180 (4.6)
0.160 (4.1)
0.315 (8.0)
0.331 (8.4)
0.406 (10.3)


Similar Part No. - VO4254D-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO4254D-X007T VISHAY-VO4254D-X007T Datasheet
137Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.7, 13-Apr-12
More results

Similar Description - VO4254D-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL420 VISHAY-IL420_12 Datasheet
169Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.0, 29-Mar-11
VO4258H VISHAY-VO4258H Datasheet
129Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 29-Feb-12
IL4216-X001 VISHAY-IL4216-X001 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 20-Oct-10
IL420 VISHAY-IL420_13 Datasheet
168Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.1, 11-Jun-13
VO4257 VISHAY-VO4257 Datasheet
107Kb / 8P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 03-Nov-08
VO4254 VISHAY-VO4254_12 Datasheet
137Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.7, 13-Apr-12
VO4258 VISHAY-VO4258_V01 Datasheet
181Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
IL420 VISHAY-IL420 Datasheet
271Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 26-Apr-04
VO4256 VISHAY-VO4256_V01 Datasheet
230Kb / 11P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
IL420 VISHAY-IL420_V01 Datasheet
197Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com