Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO4154M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VO4154M
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO4154M Datasheet(HTML) 2 Page - Vishay Siliconix

  VO4154M Datasheet HTML 1Page - Vishay Siliconix VO4154M Datasheet HTML 2Page - Vishay Siliconix VO4154M Datasheet HTML 3Page - Vishay Siliconix VO4154M Datasheet HTML 4Page - Vishay Siliconix VO4154M Datasheet HTML 5Page - Vishay Siliconix VO4154M Datasheet HTML 6Page - Vishay Siliconix VO4154M Datasheet HTML 7Page - Vishay Siliconix VO4154M Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: optocouplers.answers@vishay.com
Document Number: 84797
2
Rev. 1.4, 30-Aug-06
VO4154/VO4156
Vishay Semiconductors
Optocoupler, Phototriac Output,
Zero Crossing, High dV/dt, Low Input
Current
Note
Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum
Rating for extended periods of the time can adversely affect reliability.
Fig. 1 - Recommended Operating Condition
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Surge current
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
Derate from 25 °C
1.33
mW/°C
OUTPUT
Peak off-state voltage
VO4154D/H/M
VDRM
400
V
VO4156D/H/M
VDRM
600
V
RMS on-state current
ITM
300
mA
Total power dissipation
Pdiss
500
mW
Derate from 25 °C
6.6
mW/°C
COUPLER
Isolation test voltage (between
emitter and detector, climate per
DIN 500414, part 2, Nov. 74)
t = 1 min
VISO
5300
VRMS
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 55 to + 100
°C
Soldering temperature
max.
≤ 10 s dip soldering
≥ 0.5 mm from case bottom
Tsld
260
°C
0
50
100
150
200
250
300
350
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
I
F = 3 mA to 10 mA
19623


Similar Part No. - VO4154M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO4154M VISHAY-VO4154M Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
VO4154M-X006 VISHAY-VO4154M-X006 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
VO4154M-X007T VISHAY-VO4154M-X007T Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
VO4154M-X007T VISHAY-VO4154M-X007T Datasheet
233Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
More results

Similar Description - VO4154M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL410 VISHAY-IL410 Datasheet
737Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.4, 26-Apr-04
VO4158 VISHAY-VO4158 Datasheet
165Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
IL410 VISHAY-IL410_08 Datasheet
156Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.6, 09-Jan-08
VOT8024AM VISHAY-VOT8024AM Datasheet
160Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
VOT8026AB VISHAY-VOT8026AB_V01 Datasheet
185Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VO4154 VISHAY-VO4154_V01 Datasheet
233Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VOT8024AB VISHAY-VOT8024AB_V01 Datasheet
211Kb / 12P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VO4157 VISHAY-VO4157 Datasheet
146Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.8, 14-Feb-12
VOT8025AB VISHAY-VOT8025AB_V01 Datasheet
193Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VOT8026AB VISHAY-VOT8026AB Datasheet
185Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com