Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO4156D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VO4156D
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO4156D Datasheet(HTML) 4 Page - Vishay Siliconix

  VO4156D Datasheet HTML 1Page - Vishay Siliconix VO4156D Datasheet HTML 2Page - Vishay Siliconix VO4156D Datasheet HTML 3Page - Vishay Siliconix VO4156D Datasheet HTML 4Page - Vishay Siliconix VO4156D Datasheet HTML 5Page - Vishay Siliconix VO4156D Datasheet HTML 6Page - Vishay Siliconix VO4156D Datasheet HTML 7Page - Vishay Siliconix VO4156D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: optocouplers.answers@vishay.com
Document Number: 84797
4
Rev. 1.4, 30-Aug-06
VO4154/VO4156
Vishay Semiconductors
Optocoupler, Phototriac Output,
Zero Crossing, High dV/dt, Low Input
Current
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
ELECTRICAL CHARACTERISTCS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
1.2
1.4
V
Reverse current
VR = 6 V
IR
0.1
10
µA
Input capacitance
VF = 0 V, f = 1 MHz
CI
25
pF
OUTPUT
Repetitive peak off-state voltage
IDRM = 100 µA
VO4154D/H/M
VDRM
400
V
VO4156D/H/M
VDRM
600
V
Off-state current
VD = VDRM, IF = 0
IDRM
100
µA
On-state voltage
IT = 300 mA
VTM
3V
On-state current
PF = 1, VT(RMS) = 1.7 V
ITM
300
mA
Off-state current in inhibit state
IF = 2 mA, VDRM
IDINH
200
µA
Holding current
IH
500
µA
Zero cross inhibit voltage
IF = rated IFT
VIH
20
V
Critical rate of rise of off-state
voltage
VD = 0.67 VDRM, TJ = 25 °C
dV/dtcr
5000
V/µs
Critical rate of rise of on-state
dV/dtcr
8A/µs
COUPLER
LED trigger current,
current required to latch output
VD = 3 V
VO4154D
IFT
1.6
mA
VO4154H
IFT
2mA
VO4154M
IFT
3mA
VO4156D
IFT
1.6
mA
VO4156H
IFT
2mA
VO4156M
IFT
3mA
Common mode coupling capacitance
CCM
0.01
pF
Capacitance (input-output)
f = 1 MHz, VIO = 0 V
CIO
0.8
pF
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification (according to IEC 68 part 1)
55/100/21
Pollution degree (DIN VDE 0109)
2
Comparative tracking index per DIN IEC 112/VDE 0303 part 1,
group IIIa per DIN VDE 6110 175 399
175
399
VIOTM
VIOTM
8000
V
VIORM
VIORM
890
V
PSO
PSO
500
mW
ISI
ISI
250
mA
TSI
TSI
175
°C
Creepage
7mm
Crearance
7mm


Similar Part No. - VO4156D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO4156D VISHAY-VO4156D Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
VO4156D-X006 VISHAY-VO4156D-X006 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
VO4156D-X007T VISHAY-VO4156D-X007T Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
VO4156D-X017T VISHAY-VO4156D-X017T Datasheet
233Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
More results

Similar Description - VO4156D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL410 VISHAY-IL410 Datasheet
737Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.4, 26-Apr-04
VO4158 VISHAY-VO4158 Datasheet
165Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
IL410 VISHAY-IL410_08 Datasheet
156Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.6, 09-Jan-08
VOT8024AM VISHAY-VOT8024AM Datasheet
160Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
VOT8026AB VISHAY-VOT8026AB_V01 Datasheet
185Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VO4154 VISHAY-VO4154_V01 Datasheet
233Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VOT8024AB VISHAY-VOT8024AB_V01 Datasheet
211Kb / 12P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VO4157 VISHAY-VO4157 Datasheet
146Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.8, 14-Feb-12
VOT8025AB VISHAY-VOT8025AB_V01 Datasheet
193Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VOT8026AB VISHAY-VOT8026AB Datasheet
185Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com