Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUM23N15-73 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SUM23N15-73
Description  N-Channel 150-V (D-S) 175C MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM23N15-73 Datasheet(HTML) 5 Page - Vishay Siliconix

  SUM23N15-73 Datasheet HTML 1Page - Vishay Siliconix SUM23N15-73 Datasheet HTML 2Page - Vishay Siliconix SUM23N15-73 Datasheet HTML 3Page - Vishay Siliconix SUM23N15-73 Datasheet HTML 4Page - Vishay Siliconix SUM23N15-73 Datasheet HTML 5Page - Vishay Siliconix SUM23N15-73 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SUM23N15-73
Vishay Siliconix
Document Number: 72143
S-03535—Rev. A, 24-Mar-03
www.vishay.com
5
THERMAL RATINGS
0
5
10
15
20
25
0
25
50
75
100
125
150
175
Safe Operating Area
VDS - Drain-to-Source Voltage (V)
100
10
0.1
1
10
1000
0.1
TC = 25_C
Single Pulse
Maximum Avalanche and Drain Current
vs. Case Temperature
TC - Ambient Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10-4
10-3
10-2
10-1
10
0.2
0.1
Duty Cycle = 0.5
1 ms
10 ms
100 ms
dc
10
ms
100
ms
Single Pulse
0.05
0.02
1
100
1
Limited
by rDS(on)


Similar Part No. - SUM23N15-73

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM23N15-73 VISHAY-SUM23N15-73 Datasheet
48Kb / 5P
   N-Channel 150-V (D-S) 175 C MOSFET
Rev. A, 24-Mar-03
SUM23N15-73 VISHAY-SUM23N15-73 Datasheet
192Kb / 4P
   N-Channel 150-V (D-S), 175Celsius MOSFET
Rev. B, 10-Apr-06
SUM23N15-73 VISHAY-SUM23N15-73_06 Datasheet
192Kb / 4P
   N-Channel 150-V (D-S), 175Celsius MOSFET
Rev. B, 10-Apr-06
More results

Similar Description - SUM23N15-73

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP85N15-21 VISHAY-SUP85N15-21 Datasheet
42Kb / 5P
   N-Channel 150-V (D-S) 175C MOSFET
Rev. A, 07-Oct-02
SUP18N15-95 VISHAY-SUP18N15-95 Datasheet
44Kb / 5P
   N - Channel 150 - V (D-S) 175C MOSFET
Rev. A, 25-Jun-01
SUM40N15-38 VISHAY-SUM40N15-38_08 Datasheet
70Kb / 6P
   N-Channel 150-V (D-S) 175C MOSFET
Rev. A, 24-Mar-03
SUD15N15-95 VISHAY-SUD15N15-95_08 Datasheet
93Kb / 5P
   N-Channel 150-V (D-S) 175C MOSFET
Rev. B, 18-Aug-03
SUD25N15-52 VISHAY-SUD25N15-52 Datasheet
60Kb / 4P
   N-Channel 150-V (D-S) 175C MOSFET
Rev. C, 23-Feb-04
SUM40N02-12P VISHAY-SUM40N02-12P Datasheet
59Kb / 5P
   N-Channel 20-V (D-S) 175C MOSFET
Rev. D, 20-Dec-0
SUR70N02-04P VISHAY-SUR70N02-04P Datasheet
79Kb / 4P
   N-Channel 20-V (D-S) 175C MOSFET
Rev. A, 19-Jan-04
SUD50N03-07AP VISHAY-SUD50N03-07AP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
SUM110N05-06L VISHAY-SUM110N05-06L Datasheet
59Kb / 5P
   N-Channel 55-V (D-S), 175C MOSFET
Rev. B, 15-Nov-04
SUP90N06-05L VISHAY-SUP90N06-05L Datasheet
59Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. A, 09-Aug-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com