Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUM40N10-30 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SUM40N10-30
Description  N-Channel 100-V (D-S) 175 °C MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM40N10-30 Datasheet(HTML) 4 Page - Vishay Siliconix

  SUM40N10-30 Datasheet HTML 1Page - Vishay Siliconix SUM40N10-30 Datasheet HTML 2Page - Vishay Siliconix SUM40N10-30 Datasheet HTML 3Page - Vishay Siliconix SUM40N10-30 Datasheet HTML 4Page - Vishay Siliconix SUM40N10-30 Datasheet HTML 5Page - Vishay Siliconix SUM40N10-30 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number: 72134
S-80272-Rev. B, 11-Feb-08
Vishay Siliconix
SUM40N10-30
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
On-Resistance vs. Junction Temperature
Avalanche Current vs. Time
0.0
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (°C)
VGS = 10 V
ID = 15 A
tin (s)
1000
10
0.00001
0.001
0.1
1
0.1
0.01
IAV (A) at TA = 150 °C
100
1
0.0001
IAV (A) at TA = 25 °C
Source-Drain Diode Forward Voltage
Drain-Source Breakdown Voltage
vs. Junction Temperature
VSD - Source-to-Drain Voltage (V)
100
10
1
0.3
0.6
0.9
1.2
TJ = 25 °C
TJ = 150 °C
0
95
100
105
110
115
120
125
130
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (°C)
ID = 10 mA


Similar Part No. - SUM40N10-30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM40N10-30 VISHAY-SUM40N10-30 Datasheet
42Kb / 5P
   N-Channel 100-V (D-S) 175C MOSFET
Rev. A, 24-Mar-03
More results

Similar Description - SUM40N10-30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP40N10-30 VISHAY-SUP40N10-30 Datasheet
98Kb / 6P
   N-Channel 100-V (D-S) 175 °C MOSFET
Rev. C, 06-Aug-07
SUU50N10-18P VISHAY-SUU50N10-18P Datasheet
128Kb / 8P
   N-Channel 100-V (D-S), 175 °C MOSFET
Rev. B, 25-Aug-08
SUM34N10-35 VISHAY-SUM34N10-35 Datasheet
41Kb / 5P
   N-Channel 100-V (D-S) 175C MOSFET
Rev. A, 03-Mar-03
SUD06N10-225L VISHAY-SUD06N10-225L_08 Datasheet
91Kb / 5P
   N-Channel 100-V (D-S) 175C MOSFET
Rev. B, 20-Dec-04
SUD50N10-18P VISHAY-SUD50N10-18P Datasheet
128Kb / 8P
   N-Channel 100-V (D-S), 175 °C MOSFET
Rev. B, 25-Aug-08
SUM110N10 VISHAY-SUM110N10 Datasheet
156Kb / 8P
   N-Channel 100 V (D-S) 175 °C MOSFET
Rev. G, 22-Mar-10
SIDR5102EP VISHAY-SIDR5102EP Datasheet
181Kb / 7P
   N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBM1101N VBSEMI-VBM1101N_V01 Datasheet
554Kb / 7P
   N-Channel 100-V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUM60N10-17 VISHAY-SUM60N10-17_08 Datasheet
113Kb / 6P
   N-Channel 100-V (D-S) 175 °C MOSFET
Rev. B, 02-Jun-08
SUP85N10-10 VISHAY-SUP85N10-10_06 Datasheet
104Kb / 6P
   N-Channel 100-V (D-S) 175 °C MOSFET
Rev. D, 12-Jun-06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com