Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMF05C-HS3-GS08 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # GMF05C-HS3-GS08
Description  5-Line ESD Protection Diode Array in LLP75-6A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GMF05C-HS3-GS08 Datasheet(HTML) 5 Page - Vishay Siliconix

  GMF05C-HS3-GS08 Datasheet HTML 1Page - Vishay Siliconix GMF05C-HS3-GS08 Datasheet HTML 2Page - Vishay Siliconix GMF05C-HS3-GS08 Datasheet HTML 3Page - Vishay Siliconix GMF05C-HS3-GS08 Datasheet HTML 4Page - Vishay Siliconix GMF05C-HS3-GS08 Datasheet HTML 5Page - Vishay Siliconix GMF05C-HS3-GS08 Datasheet HTML 6Page - Vishay Siliconix GMF05C-HS3-GS08 Datasheet HTML 7Page - Vishay Siliconix GMF05C-HS3-GS08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
GMF05C-HS3
Document Number 85654
Rev. 1.8, 23-Sep-08
Vishay Semiconductors
www.vishay.com
5
For technical support, please contact: ESD-Protection@vishay.com
Figure 7. Typical Clamping Performance at + 8 kV
Contact Discharge (acc. IEC 61000-4-2)
Figure 8. Typical Clamping Performance at - 8 kV
Contact Discharge (acc. IEC 61000-4-2)
Figure 9. Typical Peak Clamping Voltage at ESD
Contact Discharge (acc. IEC 61000-4-2)
- 60
- 40
- 20
0
20
40
60
80
- 10 0
10 20 30 40 50 60 70 8090
t (ns)
21208
acc. IEC 61000-4-2
+ 8 kV
contact discharge
- 80
- 60
- 40
- 20
0
20
40
60
- 10 0
10 20 30 40 50 60 70 8090
acc. IEC 61000-4-2
- 8 kV
contact discharge
t (ns)
21209
- 250
- 200
- 150
- 100
- 50
0
50
100
150
200
250
0
5
10
15
20
25
30
acc. IEC 61000-4-2
contact discharge
V
C-ESD
positive
discharge
negative
discharge
V
ESD (kV)
21210


Similar Part No. - GMF05C-HS3-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GMF05C-HSF VISHAY-GMF05C-HSF Datasheet
169Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
Rev. 1.7, 02-May-17
GMF05C-HSF VISHAY-GMF05C-HSF Datasheet
175Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
Rev. 1.8, 04-Jan-2019
GMF05C-HSF VISHAY-GMF05C-HSF Datasheet
175Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
01-Jan-2022
GMF05C-HSF VISHAY-GMF05C-HSF_V01 Datasheet
175Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
01-Jan-2022
More results

Similar Description - GMF05C-HS3-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GMF05LC-HS3 VISHAY-GMF05LC-HS3 Datasheet
285Kb / 7P
   5-Line ESD-Protection Diode Array in LLP75-6A
Rev. 1.7, 22-Sep-08
VESD05A5A-HSF VISHAY-VESD05A5A-HSF_V01 Datasheet
179Kb / 7P
   5-Line ESD Protection Diode Array in LLP75
01-Jan-2022
VESD05A5A-HSF VISHAY-VESD05A5A-HSF Datasheet
140Kb / 6P
   5-Line ESD-Protection Diode Array in LLP75
Rev. 1.3, 21-Oct-10
VESD05A5A-HS3 VISHAY-VESD05A5A-HS3 Datasheet
356Kb / 7P
   5-line ESD Protection Diode Array in LLP75
Rev. 1.0, 16-Mar-06
GMF05C-HSF VISHAY-GMF05C-HSF_V01 Datasheet
175Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
01-Jan-2022
GMF05LCH-HSF VISHAY-GMF05LCH-HSF Datasheet
179Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
Rev. 1.6, 04-Jan-2019
GMF05LC-HSF VISHAY-GMF05LC-HSF Datasheet
173Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
Rev. 1.5, 27-Apr-17
GMF05CHS-HSF VISHAY-GMF05CHS-HSF Datasheet
175Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
Rev. 1.8, 04-Jan-2019
GMF05C-HSF VISHAY-GMF05C-HSF Datasheet
169Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
Rev. 1.7, 02-May-17
GMF05LC-HSF VISHAY-GMF05LC-HSF_V01 Datasheet
180Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com