Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLL4739 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GLL4739
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GLL4739 Datasheet(HTML) 2 Page - Vishay Siliconix

  GLL4739 Datasheet HTML 1Page - Vishay Siliconix GLL4739 Datasheet HTML 2Page - Vishay Siliconix GLL4739 Datasheet HTML 3Page - Vishay Siliconix GLL4739 Datasheet HTML 4Page - Vishay Siliconix GLL4739 Datasheet HTML 5Page - Vishay Siliconix GLL4739 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 85781
Rev. 1.4, 06-Aug-04
GLL4735 to GLL4763A
Vishay Semiconductors
Electrical Characteristics
(1) Standard voltage tolerance is ± 10 %, Suffix A = ± 5 %
(2) Surge current is a non-repetitive, 8.3 ms pulse width square wave or equivalent sine-wave superimposed on I
ZT per JEDEC Method
(3) Maximum steady state power dissipation is 1.0 watt at T
T = 75 °C
Partnumber
Nominal
Zener
Voltage 1)
Test
Current
Maximum Dynamic Impedance
Maximum DC Reverse
Leakage Current
Maximum
Zener
Current(2)
Maximum
Forward
Voltage
VZ @ IZT
IZT1
ZZT @ IZT
ZZK @ IZK
IZK
IR
VR
IZM
VF
@ 200 mA
V
mA
mA
µA
V
mApk
V
GLL4735
6.2
41
2
700
1
50
3
730
1.2
GLL4736
6.8
37
3.5
700
1
10
4
660
1.2
GLL4737
7.5
34
4
700
0.5
10
5
605
1.2
GLL4738
8.2
31
4.5
700
0.5
10
6
550
1.2
GLL4739
9.1
28
5
700
0.5
10
7
500
1.2
GLL4740
10
25
7
700
0.25
10
7.6
454
1.2
GLL4741
11
23
8
700
0.25
5
8.4
414
1.2
GLL4742
12
21
9
700
0.25
5
9.1
380
1.2
GLL4743
13
19
10
700
0.25
5
9.9
344
1.2
GLL4744
15
17
14
700
0.25
5
11.4
305
1.2
GLL4745
16
15.5
16
700
0.25
5
12.2
285
1.2
GLL4746
18
14
20
750
0.25
5
13.7
250
1.2
GLL4747
20
12.5
22
750
0.25
5
15.2
225
1.2
GLL4748
22
11.5
23
750
0.25
5
16.7
205
1.2
GLL4749
24
10.5
25
750
0.25
5
18.2
190
1.2
GLL4750
27
9.5
35
750
0.25
5
20.6
170
1.2
GLL4751
30
8.5
40
1000
0.25
5
22.8
150
1.2
GLL4752
33
7.5
45
1000
0.25
5
25.1
135
1.2
GLL4753
36
7
50
1000
0.25
5
27.4
125
1.2
GLL4754
39
6.5
60
1000
0.25
5
29.7
115
1.2
GLL4755
43
6
70
1500
0.25
5
32.7
110
1.2
GLL4756
47
5.5
80
1500
0.25
5
35.8
95
1.2
GLL4757
51
5
95
1500
0.25
5
38.8
90
1.2
GLL4758
56
4.5
110
2000
0.25
5
42.6
80
1.2
GLL4759
62
4
125
2000
0.25
5
47.1
70
1.2
GLL4760
68
3.7
150
2000
0.25
5
51.7
65
1.2
GLL4761
75
3.3
175
2000
0.25
5
56
60
1.2
GLL4762
82
3
200
3000
0.25
5
62.2
55
1.2
GLL4763
91
2.8
250
3000
0.25
5
69.2
50
1.2


Similar Part No. - GLL4739

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GLL4739 GE-GLL4739 Datasheet
37Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Vishay Siliconix
GLL4739 VISHAY-GLL4739 Datasheet
95Kb / 5P
   Zener Diodes
Rev. 1.7, 06-Dec-11
logo
SUNMATE electronic Co.,...
GLL4739A SUNMATE-GLL4739A Datasheet
598Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - GLL4739

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com