Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6205B192PL Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6205B192PL
Description  High Speed LDO Regulators Output ON-OFF Control
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6205B192PL Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6205B192PL Datasheet HTML 1Page - Torex Semiconductor XC6205B192PL Datasheet HTML 2Page - Torex Semiconductor XC6205B192PL Datasheet HTML 3Page - Torex Semiconductor XC6205B192PL Datasheet HTML 4Page - Torex Semiconductor XC6205B192PL Datasheet HTML 5Page - Torex Semiconductor XC6205B192PL Datasheet HTML 6Page - Torex Semiconductor XC6205B192PL Datasheet HTML 7Page - Torex Semiconductor XC6205B192PL Datasheet HTML 8Page - Torex Semiconductor XC6205B192PL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
4/49
XC6204/XC6205 Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
12.0
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS-0.3
∼VIN+0.3
V
CE Input Voltage
VCE
VSS-0.3
∼VIN+0.3
V
SOT-25
250
USP-6B
100
Power Dissipation
SOT-89-5
Pd
500
mW
Operational Temperature Range
Topr
-40 ~ +85
Storage Temperature Range
Tstg
-55 ~ +125
■BLOCK DIAGRAM
■ABSOLUTE MAXIMUM RATINGS
Diodes shown in the above circuit are protective diodes.
Ta=25


Similar Part No. - XC6205B192PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6205B152DL TOREX-XC6205B152DL Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6205B152DR TOREX-XC6205B152DR Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6205B152ML TOREX-XC6205B152ML Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6205B152MR TOREX-XC6205B152MR Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6205B15ADL TOREX-XC6205B15ADL Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
More results

Similar Description - XC6205B192PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204 TOREX-XC6204_1 Datasheet
3Mb / 47P
   High Sprred LDO Regulators Output ON-OFF Control
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204 TOREX-XC6204_V01 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com