Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLL4748A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GLL4748A
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GLL4748A Datasheet(HTML) 3 Page - Vishay Siliconix

  GLL4748A Datasheet HTML 1Page - Vishay Siliconix GLL4748A Datasheet HTML 2Page - Vishay Siliconix GLL4748A Datasheet HTML 3Page - Vishay Siliconix GLL4748A Datasheet HTML 4Page - Vishay Siliconix GLL4748A Datasheet HTML 5Page - Vishay Siliconix GLL4748A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GLL4735 to GLL4763A
Document Number 85781
Rev. 1.4, 06-Aug-04
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 1. Maximum Continuous Power Dissipation
Figure 2. Typical Instantaneous Forward Characteristics for
GLL4763
Figure 3. Typical Temperature Coefficients
0
0.25
0.5
0.75
1.0
75
25
50
100
125
150
175
Terminals Temperature ( °C)
60Hz
Resistive or
Inductive Load
P.C.B. Mounted on
0.31 x 0.31 x 0.08Ó(8 x 8 x 2mm)
Copper Areas Pads
18210
0.01
0.1
1
10
0.4
0.6
0.8
Instantaneous Forward Voltage (V)
11.2
1.4
1.6
Pulse Width = 300 s
1% Duty Cycle
TJ =25°C
18211
90
70
50
30
10
0
110
0
30
10
40
50
60
70
80
90
100
Tested at Rated IZT
VZ - Zener Voltage (V)
20
18212
Figure 4. Typical Zener Impedance
Figure 5. Typical Reverse Characteristics
10
1
10
1
0.5
100
1,000
IZT -- Zener Test Current (mA)
TJ =25°C
100
500
VZ =91V
VZ =56V
VZ =30V
VZ =6.2V
18213
0.01
0.1
1
10
020
40
Percent of Rated Zener Voltage (%)
60
80
100
TJ = 25°C
TJ =100°C
18214


Similar Part No. - GLL4748A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
GLL4748A SUNMATE-GLL4748A Datasheet
598Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - GLL4748A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com