Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52791FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M52791FP
Description  AV Switch with I2C Bus Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52791FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M52791FP Datasheet HTML 3Page - Renesas Technology Corp M52791FP Datasheet HTML 4Page - Renesas Technology Corp M52791FP Datasheet HTML 5Page - Renesas Technology Corp M52791FP Datasheet HTML 6Page - Renesas Technology Corp M52791FP Datasheet HTML 7Page - Renesas Technology Corp M52791FP Datasheet HTML 8Page - Renesas Technology Corp M52791FP Datasheet HTML 9Page - Renesas Technology Corp M52791FP Datasheet HTML 10Page - Renesas Technology Corp M52791FP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
M52791SP/FP
Rev.2.00 Sep 14, 2006 page 7 of 13
Data Byte Format
M52791 FUNCTION TABLE
S
SLAVE ADDRESS
A
DATA (D7 to D0)
A
DATA (DF to D8)
A
P
SLAVE ADDRESS
A6
A5
A4
A3
A2
A1
A0
R/W
SLAVE ADDRESS
1
0
0
1
0
0
0/1
0
DATA1 (D7 to D0) CONT
D7
D6
D5
D4
D3
D2
D1
D0
DATA CONT
0 FIX
0 FIX
SEPA AMP
Y/C AMP
V AMP1
S/N
VIDEO SW CONT
VIDEO SW CONT
DATA
OUT
S/N (S:1)
V-SW
D2
D1
D0
V OUT
Y/C SEPA
Y OUT
C OUT
0
0
0
T IN
Y IN
C IN
0
0
1
V 2 IN
Y IN
C IN
0
1
0
V 3 IN
Y IN
C IN
0
1
1
V 4 IN
Y IN
C IN
1
0
0
Y/C MIX T
Y IN
C IN
1
0
1
Y/C MIX 2
Y 2 IN
C 2 IN
1
1
0
Y/C MIX 3
Y 3 IN
C 3 IN
1
1
1
Y/C MIX4
Y 4 IN
C 4 IN
AMP GAIN CONT
DATA
AMP
DATA
AMP
DATA
AMP
D5
SEPA AMP
D4
Y/C AMP
D3
V AMP
0
0 dB
0
0 dB
0
0 dB
1
6 dB
1
6 dB
1
6 dB
DATA2 (DF to D8) CONT
DF
DE
DD
DC
DB
DA
D9
D8
DATA CONT
AUDIO MODE
0 FIX
0 FIX
0 FIX
I/O
AUDIO SW CONT
AUDIO SW CONT
MODE
MUTE
R/R
L/L
NORMAL
DATA
OUT
OUT
OUT
OUT
D9
D8
Lch OUT 1
Rch OUT 1
Lch OUT 1
Rch OUT 1
Lch OUT 1
Rch OUT 1
Lch OUT 1
Rch OUT 1
0
0
MUTE
MUTE
Rch T IN
Rch T IN
Lch T IN
Lch T IN
Lch T IN
Rch T IN
0
1
MUTE
MUTE
Rch 2 IN
Rch 2 IN
Lch 2 IN
Lch 2 IN
Lch 2 IN
Rch 2 IN
1
0
MUTE
MUTE
Rch 3 IN
Rch 3 IN
Lch 3 IN
Lch 3 IN
Lch 3 IN
Rch 3 IN
1
1
MUTE
MUTE
Rch 4 IN
Rch 4 IN
Lch 4 IN
Lch 4 IN
Lch 4 IN
Rch 4 IN


Similar Part No. - M52791FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52791FP MITSUBISHI-M52791FP Datasheet
121Kb / 10P
   AV SWITCH with I2C BUS CONTROL
More results

Similar Description - M52791FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
logo
Mitsubishi Electric Sem...
M52791SP MITSUBISHI-M52791SP Datasheet
121Kb / 10P
   AV SWITCH with I2C BUS CONTROL
M52795SP MITSUBISHI-M52795SP Datasheet
114Kb / 9P
   AV SWITCH with I2C BUS CONTROL
M52797SP MITSUBISHI-M52797SP Datasheet
104Kb / 9P
   AV SWITCH with I2C BUS CONTROL
logo
Renesas Technology Corp
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
logo
Mitsubishi Electric Sem...
M52790SP MITSUBISHI-M52790SP Datasheet
132Kb / 9P
   AV SWITCH with I2C BUS CONTROL
logo
Renesas Technology Corp
M52797SP RENESAS-M52797SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
logo
Mitsumi Electronics, Co...
MM1313 MITSUMI-MM1313 Datasheet
312Kb / 12P
   I2C BUS Control 5-Input 2-Output AV Switch
logo
Sony Corporation
CXA2161R SONY-CXA2161R Datasheet
494Kb / 43P
   I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
CXA7002R SONY-CXA7002R Datasheet
424Kb / 47P
   I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com