Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61040FP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M61040FP
Description  Smart Battery Protection and Monitoring IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61040FP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M61040FP Datasheet HTML 7Page - Renesas Technology Corp M61040FP Datasheet HTML 8Page - Renesas Technology Corp M61040FP Datasheet HTML 9Page - Renesas Technology Corp M61040FP Datasheet HTML 10Page - Renesas Technology Corp M61040FP Datasheet HTML 11Page - Renesas Technology Corp M61040FP Datasheet HTML 12Page - Renesas Technology Corp M61040FP Datasheet HTML 13Page - Renesas Technology Corp M61040FP Datasheet HTML 14Page - Renesas Technology Corp M61040FP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
M61040FP
REJ03F0237-0200 Rev.2.00 Mar 18, 2008
Page 11 of 24
Block Diagram Description
(1) Battery voltage detection circuit
The M61040 battery voltage detection circuit is shown in figure 3.
This circuit is composed of switch, buffer amplifier, reference voltage section and logic circuit.
Microcomputer selects detecting voltage before logic circuit controls the connection of switches. This connection
decides which cell voltage (Vbat1, Vbat2, Vbat3, Vbat4) should be output from analog out pin. Besides offset
voltage can be output.
In power down mode, supply current in this block is close to zero because all switches are off.
Note: Regard 50
µs as the standard of settling time by voltage change in this block.
VIN1
VIN2
S22
S21
S11
VIN3
S32
S31
VIN4
S42
S41
VIN10
S02
S01
Vat1
Vat2
Vat3
Vat4
Vref
GND
Switch Control
From Serial to Parallel
conversion circuit
Logic Circuit
To Multiplexer circuit
+
5
6
7
8
11
Figure 3 Battery Voltage Detection Circuit


Similar Part No. - M61040FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61040FP MITSUBISHI-M61040FP Datasheet
181Kb / 25P
   Smart battery protection and monitoring IC
More results

Similar Description - M61040FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61040FP MITSUBISHI-M61040FP Datasheet
181Kb / 25P
   Smart battery protection and monitoring IC
logo
Seiko Instruments Inc
S-8225AAA-TCT1U SII-S-8225AAA-TCT1U Datasheet
1Mb / 26P
   BATTERY MONITORING IC
S-8225BAA-TCT1U SII-S-8225BAA-TCT1U Datasheet
1Mb / 24P
   BATTERY MONITORING IC
logo
ABLIC Inc.
S-8229 ABLIC-S-8229 Datasheet
568Kb / 27P
   BATTERY MONITORING IC
Rev.1.2_00
logo
Seiko Instruments Inc
S-8229AAA-M6T1U SII-S-8229AAA-M6T1U Datasheet
1Mb / 26P
   BATTERY MONITORING IC
S8229 SII-S8229 Datasheet
524Kb / 26P
   BATTERY MONITORING IC
logo
Infineon Technologies A...
TLE9012DQU INFINEON-TLE9012DQU Datasheet
1Mb / 76P
   Li-ion battery monitoring and balancing IC
Rev. 1.0 2022-01-24
logo
STMicroelectronics
L9963E STMICROELECTRONICS-L9963E Datasheet
9Mb / 184P
   Automotive Multicell battery monitoring and balancing IC
Rev 4 - June 2021
logo
Infineon Technologies A...
TLE9012AQU INFINEON-TLE9012AQU Datasheet
404Kb / 6P
   Li-Ion Battery Monitoring and Balancing IC
2020-05-20
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com