Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61518FP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M61518FP
Description  Audio Signal Processor with Rec/Play Back Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61518FP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M61518FP Datasheet HTML 7Page - Renesas Technology Corp M61518FP Datasheet HTML 8Page - Renesas Technology Corp M61518FP Datasheet HTML 9Page - Renesas Technology Corp M61518FP Datasheet HTML 10Page - Renesas Technology Corp M61518FP Datasheet HTML 11Page - Renesas Technology Corp M61518FP Datasheet HTML 12Page - Renesas Technology Corp M61518FP Datasheet HTML 13Page - Renesas Technology Corp M61518FP Datasheet HTML 14Page - Renesas Technology Corp M61518FP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
M61518FP
REJ03F0205-0201 Rev.2.01 Mar 30, 2008
Page 11 of 15
P. B. Amp Measurement Circuit Figure
+
31
29
27
2
6
1
To 2ch P.B amp
TP
TP
TP
TP
10 k
10 k
10 k
1 kHz
390 k
18 k
1.2 k
470 p
10
µ
10
µ
10 k
6800 p
68
Audio Analyzer
Input Conversion Noise Voltage
• Limits
Typ: 1.0
µVrms (JIS-A)
Max:1.9
µVrms (JIS-A)
• Measurement method
(1) Input signal (1 kHz) to PB1P (pin2) and measure output gain of PB1O (pin6).
(2) Measure output noise voltage of PB1O (pin6) and convert Input conversion noise voltage from output noise
voltage.
Maximum Output Voltage
• Limits
Min: 1.4 Vrms (THD = 1%)
Typ: 1.6 Vrms (THD = 1%)
• Measurement method
Input signal (1 kHz) to PB1P (pin2) and measure output gain of PB1O (pin6) when output THD is 1%.


Similar Part No. - M61518FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61518FP MITSUBISHI-M61518FP Datasheet
233Kb / 14P
   AUDIO SIGNAL PROCESSOR WITH REC/PLAY BACK AMPLIFIER
More results

Similar Description - M61518FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61518FP MITSUBISHI-M61518FP Datasheet
233Kb / 14P
   AUDIO SIGNAL PROCESSOR WITH REC/PLAY BACK AMPLIFIER
logo
Rohm
BA7746S ROHM-BA7746S Datasheet
142Kb / 12P
   VCR Hi-Fi audio signal REC / PB amplifier
logo
STMicroelectronics
STV5712 STMICROELECTRONICS-STV5712 Datasheet
78Kb / 8P
   ADVANCED FM AUDIO PLAY-BACK AND RECORD AMPLIFIER FOR VCR
logo
Toshiba Semiconductor
TA8819F TOSHIBA-TA8819F Datasheet
1,015Kb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAY BACK IC FOR LCD TV
logo
Rohm
BA7757BK ROHM-BA7757BK Datasheet
82Kb / 5P
   Switchless REC / PB amplifier for standard audio signal processing
logo
Mitsubishi Electric Sem...
M61519FP MITSUBISHI-M61519FP Datasheet
382Kb / 19P
   AUDIO SIGNAL PROCESSOR WITH SURROUND
logo
Renesas Technology Corp
M61529FP RENESAS-M61529FP Datasheet
426Kb / 24P
   Audio Signal Processor with Surround
logo
Hitachi Semiconductor
REJ03F0010_M61529FP HITACHI-REJ03F0010_M61529FP Datasheet
442Kb / 24P
   Audio Signal Processor with Surround
logo
Renesas Technology Corp
M61519FP RENESAS-M61519FP Datasheet
312Kb / 22P
   Audio Signal Processor with Surround
logo
Rohm
BA7745FS ROHM-BA7745FS Datasheet
96Kb / 8P
   VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com