Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103A-TAP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SD103A-TAP
Description  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD103A-TAP Datasheet(HTML) 1 Page - Vishay Siliconix

  SD103A-TAP Datasheet HTML 1Page - Vishay Siliconix SD103A-TAP Datasheet HTML 2Page - Vishay Siliconix SD103A-TAP Datasheet HTML 3Page - Vishay Siliconix SD103A-TAP Datasheet HTML 4Page - Vishay Siliconix SD103A-TAP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SD103A/103B/103C
Document Number 85754
Rev. 1.5, 28-Feb-07
Vishay Semiconductors
www.vishay.com
1
94 9367
Small Signal Schottky Diodes
Features
• The SD103 series is a Metal-on-silicon
Schottky barrier device which is
protected by a PN junction guard ring.
• The low forward voltage drop and fast
switching make it ideal for protection of MOS
devices, steering, biasing and coupling diodes for
fast switching and low logic level applications.
• Other applications are click suppression, efficient
full wave bridges in telephone subsets, and block-
ing diodes in rechargeable low voltage battery sys-
tems.
• These diodes are also available in the SOD123
and
SOD323
case
with
type
designations
SD103AW(S)-V...SD103CW(S)-V,
and
in
the
MiniMELF case with type designations LL103A
thru LL103C.
• For general purpose applications
• Lead (Pb)-free component
• Component in accordance with RoHS2002/95/EC
and WEEE 2002/96/EC
Applications
• HF-Detector
• Protection circuit
• Small battery charger
• AC-DC/DC-DC converters
Mechanical Data
Case: DO35 Glass case
Weight: approx. 125 mg
Cathode Band Color: black
Packaging Codes/Options:
TR/10 k per 13" reel (52 mm tape), 50 k/box
TAP/10 k per Ammopack (52 mm tape), 50 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature
Part
Type differentiation
Ordering code
Type Marking
Remarks
SD103A
VR = 40 V
SD103A-TR or SD103A-TAP
SD103A
Tape and Reel/Ammopack
SD103B
VR = 30 V
SD103B-TR or SD103B-TAP
SD103B
Tape and Reel/Ammopack
SD103C
VR = 20 V
SD103C-TR or SD103C-TAP
SD103C
Tape and Reel/Ammopack
Parameter
Test condition
Part
Symbol
Value
Unit
Peak inverse voltage
SD103A
VR
40
V
SD103B
VR
30
V
SD103C
VR
20
V
Power dissipation (infinite heatsink)
Ptot
4001)
mW
Single cycle surge 60 Hz sine wave
IFSM
15
A
e2


Similar Part No. - SD103A-TAP

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD103A SEMTECH-SD103A Datasheet
194Kb / 3P
   Silicon Schottky Barrier Diodes for general purpose applications?
logo
GOOD-ARK Electronics
SD103A GOOD-ARK-SD103A Datasheet
135Kb / 3P
   Small-Signal Diode
logo
Shenzhen Luguang Electr...
SD103A LUGUANG-SD103A Datasheet
159Kb / 2P
   Small Signal Switching Diodes
logo
Diodes Incorporated
SD103A DIODES-SD103A Datasheet
66Kb / 3P
   SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
Dc Components
SD103A DCCOM-SD103A Datasheet
52Kb / 2P
   TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
More results

Similar Description - SD103A-TAP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com