Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62006L Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62006L
Description  Low Power 2 Output System Reset IC Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62006L Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62006L Datasheet HTML 1Page - Renesas Technology Corp M62006L Datasheet HTML 2Page - Renesas Technology Corp M62006L Datasheet HTML 3Page - Renesas Technology Corp M62006L Datasheet HTML 4Page - Renesas Technology Corp M62006L Datasheet HTML 5Page - Renesas Technology Corp M62006L Datasheet HTML 6Page - Renesas Technology Corp M62006L Datasheet HTML 7Page - Renesas Technology Corp M62006L Datasheet HTML 8Page - Renesas Technology Corp M62006L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
M62001L/FP to M62008L/FP
Rev.1.00 Sep 14, 2005 page 3 of 9
Absolute Maximum Ratings
(Ta = 25°C, unless otherwise noted)
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
8
V
Output sink current
Isink
5
mA
Power dissipation
Pd
440
mW
Thermal derating
K
θ
4.4
mW/°C
Ta
≥ 25°C
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Electrical Characteristics
(Ta = 25°C, unless otherwise noted)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
4.30
4.45
4.60
M62001, M62002,
M62005, M62006,
Supply voltage
VS
4.05
4.25
4.45
Interruption level during VCC drop
(Equivalent to VSL)
M62003, M62004,
M62007, M62008,
Battery voltage
VBATT
2.00
2.15
2.30
V
Reset level at backup
Hysteresis voltage
∆V
S
100
mV
∆V
S = VSH – VSL
5.0
20
VCC = 5.0V: in normal mode
Circuit current
ICC
1.0
4
µA
VCC = 2.5V: in backup mode
Sink ability
Vsat1
0.2
0.4
VCC = 4V, IO = 4mA
(Output saturation voltage of N-ch transistor)
Source ability
Vsat2
0.2
0.4
V
VCC = 4V, IO = 1mA
(Output saturation voltage of P-ch transistor)
[CMOS output] M62001, M62003, M62005, M62007
Delay time
td
50
ms
External capacitance Cd = 0.33
µF
Pulse width
tpw
7
10
µs
Output pulse width (M62001, M62002, M62003, M62004)
Reset output
response time
tRESET
30
µs
Time between VCC (when falling) = VBATT and output of
RESET signal
Interruption output
reset time
tINT
100
µs
Time between VCC (when falling) = VS and output of INT
signal
Summary of M62001L/FP to M62008L/FP
Type No.
Supply Voltage Detection
Level VS (V)
Battery Voltage Detection
Level VBATT (V)
Output Form
Interruption Signal
Output Mode
M62001L/FP
CMOS
M62002L/FP
4.45
Open drain
M62003L/FP
CMOS
M62004L/FP
4.25
Open drain
Pulse output
M62005L/FP
CMOS
M62006L/FP
4.45
Open drain
M62007L/FP
CMOS
M62008L/FP
4.25
2.15
Open drain
Hold output


Similar Part No. - M62006L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62006L MITSUBISHI-M62006L Datasheet
87Kb / 6P
   LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES
More results

Similar Description - M62006L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62001L MITSUBISHI-M62001L Datasheet
87Kb / 6P
   LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES
logo
Renesas Technology Corp
M62015L RENESAS-M62015L Datasheet
87Kb / 6P
   Low Power 2 Output System Reset IC
logo
Mitsubishi Electric Sem...
M62009L MITSUBISHI-M62009L Datasheet
26Kb / 3P
   LOW POWER 2 OUTPUT SYSTEM RESET IC WITH EXTERNAL INPUT
logo
Renesas Technology Corp
M62009L RENESAS-M62009L Datasheet
99Kb / 7P
   Low Power 2 Output System Reset IC with External Input
logo
KODENSHI_AUK CORP.
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
   System Reset IC
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
   System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
   System Reset IC
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
   SYSTEM RESET IC
logo
Mitsumi Electronics, Co...
PST85XX MITSUMI-PST85XX Datasheet
139Kb / 13P
   System Reset IC
logo
Rohm
BH6150F ROHM-BH6150F Datasheet
78Kb / 8P
   System reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com