Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62016L Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M62016L
Description  Low Power 2 Output System Reset IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62016L Datasheet(HTML) 5 Page - Renesas Technology Corp

  M62016L Datasheet HTML 1Page - Renesas Technology Corp M62016L Datasheet HTML 2Page - Renesas Technology Corp M62016L Datasheet HTML 3Page - Renesas Technology Corp M62016L Datasheet HTML 4Page - Renesas Technology Corp M62016L Datasheet HTML 5Page - Renesas Technology Corp M62016L Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
M62015L/FP, M62016L/FP
Rev.1.00 Sep 14, 2005 page 5 of 5
Package Dimensions
SIP5-P-240-2.54
Weight(g)
JEDEC Code
EIAJ Package Code
Lead Material
Cu Alloy
0.22
5P5T
Plastic 5pin 240mil SIP
4.0
11.9
11.5
Symbol
Min
Nom
Max
A
A2
b1
b
b2
c
D
E
E1
L
Dimension in Millimeters
A1
3.0
2.54
0.8
0.7
0.6
2.17
1.97
1.77
11.7
0.34
0.27
0.22
1.15
0.85
0.75
1.5
1.2
1.1
0.6
0.5
0.4
1.4
6.1
e
D
E
E1
c
b2
b1
b
e
SEATING PLANE
1
5
2.
1.
DIMENSIONS "*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
bp
A1
HE
y0.1
e
1.27
c
0
°
10
°
L0.2
0.4
0.6
0.05
A1.9
5.9
6.2
6.5
A2
1.5
E4.2
4.4
4.6
D4.8
5.0
5.2
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
0.35
0.4
0.5
0.13
0.15
0.2
P-SOP8-4.4x5-1.27
0.07g
MASS[Typ.]
8P2S-A
PRSP0008DA-A
RENESAS Code
JEITA Package Code
Previous Code
1.12
1.42
Detail F
A1
A2
F
*2
*3
85
4
1
Index mark
y
bp
e
c
D


Similar Part No. - M62016L

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
M6201 MPSIND-M6201 Datasheet
164Kb / 1P
   TRANSFORMER FOR RS-485 / RS-232 INTERFACE
M6201-11 MPSIND-M6201-11 Datasheet
164Kb / 1P
   TRANSFORMER FOR RS-485 / RS-232 INTERFACE
M6201-13 MPSIND-M6201-13 Datasheet
164Kb / 1P
   TRANSFORMER FOR RS-485 / RS-232 INTERFACE
M6201-21 MPSIND-M6201-21 Datasheet
164Kb / 1P
   TRANSFORMER FOR RS-485 / RS-232 INTERFACE
M6201-34 MPSIND-M6201-34 Datasheet
164Kb / 1P
   TRANSFORMER FOR RS-485 / RS-232 INTERFACE
More results

Similar Description - M62016L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62001L RENESAS-M62001L Datasheet
118Kb / 10P
   Low Power 2 Output System Reset IC Series
logo
Mitsubishi Electric Sem...
M62001L MITSUBISHI-M62001L Datasheet
87Kb / 6P
   LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES
M62009L MITSUBISHI-M62009L Datasheet
26Kb / 3P
   LOW POWER 2 OUTPUT SYSTEM RESET IC WITH EXTERNAL INPUT
logo
Renesas Technology Corp
M62009L RENESAS-M62009L Datasheet
99Kb / 7P
   Low Power 2 Output System Reset IC with External Input
logo
KODENSHI_AUK CORP.
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
   System Reset IC
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
   System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
   System Reset IC
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
   SYSTEM RESET IC
logo
Mitsumi Electronics, Co...
PST85XX MITSUMI-PST85XX Datasheet
139Kb / 13P
   System Reset IC
logo
Rohm
BH6150F ROHM-BH6150F Datasheet
78Kb / 8P
   System reset IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com