Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD403C10S10C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SD403C10S10C
Description  Fast Recovery Diodes (Hockey PUK Version), 430 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD403C10S10C Datasheet(HTML) 1 Page - Vishay Siliconix

  SD403C10S10C Datasheet HTML 1Page - Vishay Siliconix SD403C10S10C Datasheet HTML 2Page - Vishay Siliconix SD403C10S10C Datasheet HTML 3Page - Vishay Siliconix SD403C10S10C Datasheet HTML 4Page - Vishay Siliconix SD403C10S10C Datasheet HTML 5Page - Vishay Siliconix SD403C10S10C Datasheet HTML 6Page - Vishay Siliconix SD403C10S10C Datasheet HTML 7Page - Vishay Siliconix SD403C10S10C Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 93175
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 04-Aug-08
1
Fast Recovery Diodes
(Hockey PUK Version), 430 A
SD403C..C Series
Vishay High Power Products
FEATURES
• High power FAST recovery diode series
• 1.0 to 1.5 µs recovery time
• High voltage ratings up to 1600 V
• High current capability
• Optimized turn-on and turn-off characteristics
• Low forward recovery
• Fast and soft reverse recovery
• Press PUK encapsulation
• Case style conform to JEDEC DO-200AA
• Maximum junction temperature 125 °C
• Lead (Pb)-free
TYPICAL APPLICATIONS
• Snubber diode for GTO
• High voltage freewheeling diode
• Fast recovery rectifier applications
PRODUCT SUMMARY
IF(AV)
430 A
DO-200AA
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IF(AV)
430
A
Ths
55
°C
IF(RMS)
675
A
Ths
25
°C
IFSM
50 Hz
6180
A
60 Hz
6470
I2t
50 Hz
191
kA2s
60 Hz
175
VRRM
Range
400 to 1600
V
trr
1.0 to 1.5
µs
TJ
25
°C
TJ
- 40 to 125


Similar Part No. - SD403C10S10C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD403C10S10C IRF-SD403C10S10C Datasheet
163Kb / 7P
   FAST RECOVERY DIODES
logo
Vishay Siliconix
SD403C10S10C VISHAY-SD403C10S10C Datasheet
230Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 04-Aug-08
More results

Similar Description - SD403C10S10C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD403CC VISHAY-VS-SD403CC Datasheet
276Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 15-Apr-14
SD403C04S10C VISHAY-SD403C04S10C_12 Datasheet
230Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 04-Aug-08
VS-SD403CC VISHAY-VS-SD403CC_V01 Datasheet
261Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com