Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62211P Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M62211P
Description  General Purpose Multi Function DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62211P Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M62211P Datasheet HTML 3Page - Renesas Technology Corp M62211P Datasheet HTML 4Page - Renesas Technology Corp M62211P Datasheet HTML 5Page - Renesas Technology Corp M62211P Datasheet HTML 6Page - Renesas Technology Corp M62211P Datasheet HTML 7Page - Renesas Technology Corp M62211P Datasheet HTML 8Page - Renesas Technology Corp M62211P Datasheet HTML 9Page - Renesas Technology Corp M62211P Datasheet HTML 10Page - Renesas Technology Corp M62211P Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
M62211P/FP
REJ03D0842-0201 Rev.2.01 Nov 14, 2007
Page 7 of 11
2. Setting up TIN
1) Setting up the level
The TIN terminal is shown in Figure a. In order for the level of TIN to satisfy the conditions shown in the table below,
the external circuits shown in Figure b or Figure c should be used when the external voltage level of the input is
high.
Figure b
Figure c
GND
100 k
50 k
Figure a
TIN 5
3
5
5
Items
Symbols
Min
Typ
Max
Unit
TIN "H" level
VTINH
2.2
VCC
V
TIN "L" level
VTINL
1.0
V
2) Setting up frequency
The periodical change of TIN is expected to be +30% to −20%. The fIN is set to approximately 1.5 times fOSC.
fIN = 1.5 • fosc
fosc
(Hz)
1.3
µs + (23 × 103 × Cosc)
1
COSC
TIN


Similar Part No. - M62211P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62211P MITSUBISHI-M62211P Datasheet
75Kb / 9P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
More results

Similar Description - M62211P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62210FP MITSUBISHI-M62210FP Datasheet
73Kb / 9P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
Renesas Technology Corp
M62210FP RENESAS-M62210FP Datasheet
2Mb / 10P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
Mitsubishi Electric Sem...
M62211P MITSUBISHI-M62211P Datasheet
75Kb / 9P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
M62212P MITSUBISHI-M62212P Datasheet
52Kb / 8P
   GENERAL PURPOSE DC-DC CONVERTER
logo
Renesas Technology Corp
M62212P RENESAS-M62212P Datasheet
109Kb / 9P
   General Purpose DC/DC Converter
M62215FP RENESAS-M62215FP Datasheet
148Kb / 11P
   General Purpose Multifunction DC/DC Converter
logo
AiT Semiconductor Inc.
A7531 AITSEMI-A7531 Datasheet
823Kb / 14P
   DC-DC CONVERTER/BOOST(STEP-UP) HIGH EFFICIENCY, MULTI-FUNCTION
REV2.2
logo
Lowpower Semiconductor ...
LP6284 POWER-LP6284 Datasheet
534Kb / 9P
   Multi-Channel DC-DC Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
[Old version datasheet]   General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com