Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD403C10S15C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SD403C10S15C
Description  Fast Recovery Diodes (Hockey PUK Version), 430 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD403C10S15C Datasheet(HTML) 4 Page - Vishay Siliconix

  SD403C10S15C Datasheet HTML 1Page - Vishay Siliconix SD403C10S15C Datasheet HTML 2Page - Vishay Siliconix SD403C10S15C Datasheet HTML 3Page - Vishay Siliconix SD403C10S15C Datasheet HTML 4Page - Vishay Siliconix SD403C10S15C Datasheet HTML 5Page - Vishay Siliconix SD403C10S15C Datasheet HTML 6Page - Vishay Siliconix SD403C10S15C Datasheet HTML 7Page - Vishay Siliconix SD403C10S15C Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93175
4
Revision: 04-Aug-08
SD403C..C Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version), 430 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
70
80
90
100
110
120
130
0
5 0
1 00
15 0
2 0 0
25 0
30°
60°
90°
12 0 °
18 0 °
A v e rag e Fo rw ar d C u rre n t ( A )
Co nd uc tio n An g le
S D 403C ..C S e ries
(S in g le Sid e C o o le d )
R
( D C ) = 0 .1 6 K / W
thJ - hs
50
60
70
80
90
100
110
120
130
0
5 0
1 00
150
2 00
25 0
3 00
3 5 0
30 °
60°
90 °
180 °
DC
12 0 °
A v e rag e Fo r w ard C u rr e n t ( A )
Co nd uctio n Pe rio d
S D 403C ..C Se rie s
(S in gle Sid e C o o le d )
R
( D C ) = 0 .1 6 K /W
thJ -h s
50
60
70
80
90
100
110
120
130
0
5 0 1 00 150 200 25 0 3 00 350 400 45 0
30°
60°
90 °
12 0°
18 0°
Average Forward Curr en t (A)
Co nd uctio n A ng le
SD403C..C Series
(Doub le Side Cooled)
R
(DC) = 0.08 K/W
th J -hs
40
50
60
70
80
90
100
110
120
130
0
1 00
20 0
3 00
40 0
5 0 0
600
7 0 0
30 °
60°
90°
180 °
DC
12 0 °
A v e rag e Fo rw ar d C u rre n t ( A )
Co nd uc tio n Pe rio d
SD 4 0 3 C ..C Se rie s
( D ou b le Sid e C o ole d )
R
( D C ) = 0.08 K / W
thJ -h s
0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
80 0
0
5 0 100 150 200 250 3 00 350 4 00 45 0
180°
120°
90 °
60 °
30 °
RM S Limit
Co nd uc tio n Ang le
Average Forwar d Curr en t (A)
SD40 3C..C Series
T = 1 25°C
J
0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
80 0
90 0
10 00
11 00
0
1 00
20 0
3 00
4 0 0
5 00
60 0
7 00
DC
180 °
120 °
90°
60°
30°
RM S L im it
Co nd uctio n Pe rio d
Av e ra g e F o rw a rd C u rre n t (A )
SD 40 3C ..C S e r ies
T = 1 2 5° C
J


Similar Part No. - SD403C10S15C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD403C10S10C IRF-SD403C10S10C Datasheet
163Kb / 7P
   FAST RECOVERY DIODES
logo
Vishay Siliconix
SD403C10S10C VISHAY-SD403C10S10C Datasheet
230Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 04-Aug-08
More results

Similar Description - SD403C10S15C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD403CC VISHAY-VS-SD403CC Datasheet
276Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 15-Apr-14
SD403C04S10C VISHAY-SD403C04S10C_12 Datasheet
230Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 04-Aug-08
VS-SD403CC VISHAY-VS-SD403CC_V01 Datasheet
261Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com