Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD603C20S10C Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SD603C20S10C
Description  SD603C04S10C
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD603C20S10C Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SD603C20S10C Datasheet HTML 2Page - Vishay Siliconix SD603C20S10C Datasheet HTML 3Page - Vishay Siliconix SD603C20S10C Datasheet HTML 4Page - Vishay Siliconix SD603C20S10C Datasheet HTML 5Page - Vishay Siliconix SD603C20S10C Datasheet HTML 6Page - Vishay Siliconix SD603C20S10C Datasheet HTML 7Page - Vishay Siliconix SD603C20S10C Datasheet HTML 8Page - Vishay Siliconix SD603C20S10C Datasheet HTML 9Page - Vishay Siliconix SD603C20S10C Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Document Number: 93178
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 04-Aug-08
9
SD603C..C Series
Fast Recovery Diodes
(Hockey PUK Version), 600 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Diode
2
-
Essential part number
3
-
3 = Fast recovery
4
-
C = Ceramic PUK
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
6
-trr code (see Recovery Characteristics table)
7
-
C = PUK case B-43
Device code
5
13
24
67
SD
60
3
C
22
S20
C
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95249


Similar Part No. - SD603C20S10C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD603C20S20C IRF-SD603C20S20C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD603C20S20C VISHAY-SD603C20S20C Datasheet
443Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 600 A
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com