Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62215FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M62215FP
Description  General Purpose Multifunction DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62215FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M62215FP Datasheet HTML 3Page - Renesas Technology Corp M62215FP Datasheet HTML 4Page - Renesas Technology Corp M62215FP Datasheet HTML 5Page - Renesas Technology Corp M62215FP Datasheet HTML 6Page - Renesas Technology Corp M62215FP Datasheet HTML 7Page - Renesas Technology Corp M62215FP Datasheet HTML 8Page - Renesas Technology Corp M62215FP Datasheet HTML 9Page - Renesas Technology Corp M62215FP Datasheet HTML 10Page - Renesas Technology Corp M62215FP Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
M62215FP
REJ03D0844-0201 Rev.2.01 Nov 14, 2007
Page 8 of 10
[Operation description by mode]
Mode [I] …………Start-up
The potential of FB terminal goes down to the control state before that of SCP terminal goes to SCP terminal
"H" threshold voltage. (approx. 5 V)
Mode [II]…………Over-current
→ Latch
When the over current flows in the system and CLM terminal voltage goes up to CLM term. threshold
voltage, approximately 20
µA charge current flows out from SCP term.. This charge current makes the
potential of SCP term. high. Output will be off (latched) when the potential of SCP term. reaches SCP term.
"H" threshold voltage.
Mode [III] …………Latch canceled
→ restart
The latch is canceled and the system is restarted when the potential of FB terminal is set lower than FB term.
threshold voltage.
More [IV]…………Over-current
→ recovery
The potential of SCP term. goes up by over current. The output is not turned off, because the potential of FB
terminal goes down to lower than its threshold voltage before that of SCP term. reaches SCP term. "H"
threshold voltage and also the latch-state is canceled.
Mode [V] …………Turning ON the VCC again
The mode in which VCC is again turned on.
Mode [VI]…………Start-up
→ Latch
At the start-up, the output is turned off, because the potential of FB term. doesn’t go down to its threshold
voltage due to output short-circuit before the potential of SCP term. reaches SCP "H" threshold voltage.
+
CLM
200 mV
FB
4.2 V
5 V
TR1
SCP
R2
CSCP
R1
VREF
VCC
VCC
SW1
20
µA
R
R
R
S
S
S
Q
Q
Q
OUT section
High signal
in fall rate of OSC
OUT section
Figure 6 Schematic Diagram of SCP Section


Similar Part No. - M62215FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62210FP MITSUBISHI-M62210FP Datasheet
73Kb / 9P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
Renesas Technology Corp
M62210FP RENESAS-M62210FP Datasheet
2Mb / 10P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
Mitsubishi Electric Sem...
M62211 MITSUBISHI-M62211 Datasheet
75Kb / 9P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
M62211FP MITSUBISHI-M62211FP Datasheet
75Kb / 9P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
Renesas Technology Corp
M62211FP RENESAS-M62211FP Datasheet
148Kb / 12P
   General Purpose Multi Function DC/DC Converter
More results

Similar Description - M62215FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62212P MITSUBISHI-M62212P Datasheet
52Kb / 8P
   GENERAL PURPOSE DC-DC CONVERTER
logo
Renesas Technology Corp
M62212P RENESAS-M62212P Datasheet
109Kb / 9P
   General Purpose DC/DC Converter
logo
Mitsubishi Electric Sem...
M62210FP MITSUBISHI-M62210FP Datasheet
73Kb / 9P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
Renesas Technology Corp
M62210FP RENESAS-M62210FP Datasheet
2Mb / 10P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
Mitsubishi Electric Sem...
M62211P MITSUBISHI-M62211P Datasheet
75Kb / 9P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
Renesas Technology Corp
M62211P RENESAS-M62211P Datasheet
148Kb / 12P
   General Purpose Multi Function DC/DC Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
[Old version datasheet]   General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
LM2623 TI1-LM2623_14 Datasheet
958Kb / 16P
[Old version datasheet]   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com