Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD800C30L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SD800C30L
Description  Standard Recovery Diodes (Hockey PUK Version), 1200 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD800C30L Datasheet(HTML) 2 Page - Vishay Siliconix

  SD800C30L Datasheet HTML 1Page - Vishay Siliconix SD800C30L Datasheet HTML 2Page - Vishay Siliconix SD800C30L Datasheet HTML 3Page - Vishay Siliconix SD800C30L Datasheet HTML 4Page - Vishay Siliconix SD800C30L Datasheet HTML 5Page - Vishay Siliconix SD800C30L Datasheet HTML 6Page - Vishay Siliconix SD800C30L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93553
2
Revision: 14-May-08
SD800C..L Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version),
1200 A
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
SD800C..L
UNITS
24 TO 36
40 TO 45
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
1180 (550) 1065 (490)
A
55 (85)
55 (85)
°C
Maximum RMS forward current
IF(RMS)
25 °C heatsink temperature double side cooled
2280
2040
A
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
13 600
12 200
t = 8.3 ms
14 240
12 800
t = 10 ms
50 % VRRM
reapplied
11 440
10 250
t = 8.3 ms
11 980
10 750
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
925
745
kA2s
t = 8.3 ms
845
680
t = 10 ms
50 % VRRM
reapplied
654
526
t = 8.3 ms
597
480
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
9250
7450
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.90
1.06
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
1.10
1.18
Low level value of forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.38
0.44
m
Ω
High level value of forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.34
0.41
Maximum forward voltage drop
VFM
Ipk = 2000 A, TJ = TJ maximum,
tp = 10 ms sinusoidal wave
1.66
1.95
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
temperature range
TJ
- 40 to 150
°C
Maximum storage temperature range
TStg
- 55 to 200
Maximum thermal resistance,
junction to heatsink
RthJ-hs
DC operation single side cooled
0.073
K/W
DC operation double side cooled
0.031
Mounting force, ± 10 %
14 700 (1500)
N (kg)
Approximate weight
255
g
Case style
See dimensions - link at the end of datasheet
DO-200AB (B-PUK)
ΔR
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.009
0.009
0.006
0.006
TJ = TJ maximum
K/W
120°
0.011
0.011
0.011
0.011
90°
0.014
0.014
0.015
0.015
60°
0.020
0.020
0.021
0.021
30°
0.036
0.036
0.036
0.036


Similar Part No. - SD800C30L

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SD800C30L TEL-SD800C30L Datasheet
162Kb / 1P
   STANDARD RECOVERY DIODE
logo
Vishay Siliconix
SD800C30L VISHAY-SD800C30L Datasheet
169Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1200 A
Revision: 14-May-08
More results

Similar Description - SD800C30L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD800CL VISHAY-VS-SD800CL Datasheet
219Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1200 A
Revision: 04-Apr-14
SD800C24L VISHAY-SD800C24L_12 Datasheet
169Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1200 A
Revision: 14-May-08
VS-SD800CL VISHAY-VS-SD800CL_V01 Datasheet
197Kb / 8P
   Standard Recovery Diodes, (Hockey PUK Version), 1200 A
01-Jan-2022
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com