Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9110 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA9110
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9110 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA9110 Datasheet HTML 4Page - STMicroelectronics TDA9110 Datasheet HTML 5Page - STMicroelectronics TDA9110 Datasheet HTML 6Page - STMicroelectronics TDA9110 Datasheet HTML 7Page - STMicroelectronics TDA9110 Datasheet HTML 8Page - STMicroelectronics TDA9110 Datasheet HTML 9Page - STMicroelectronics TDA9110 Datasheet HTML 10Page - STMicroelectronics TDA9110 Datasheet HTML 11Page - STMicroelectronics TDA9110 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
VERTICAL SECTION
Operating Conditions
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
OUTPUTS SECTION
VEWM
Maximum EW Output Voltage
Pin 24
6.5
V
VEWm
Minimum EW Output Voltage
Pin 24
1.8
V
RLOAD
Minimum Load for less than 1% Vertical Amplitude Drift
Pin 20
65
M
Electrical Characteristics (VCC = 12V, Tamb =25
oC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VERTICAL RAMP SECTION
VRB
Voltage at Ramp Bottom Point
VREF-V=8V, Pin 22
2
V
VRT
Voltage at Ramp Top Point (with Synchro) VREF-V
Pin 22
5
V
VRTF
Voltage at Ramp Top Point (without Synchro)
Pin 22
VRT-
0.1
V
VSTD
Vertical Sawtooth Discharge Time Duration (Pin
22)
With 150nF Cap
70
µs
VFRF
Vertical Free Running Frequency
(see Notes 4 & 5)
COSC (Pin 22) = 150nF
Measured on Pin22
100
Hz
ASFR
AUTO-SYNC Frequency
C22 = 150nF
±5%
See Note 6
50
165
Hz
RAFD
Ramp Amplitude Drift versus Frequency at
Maximum Vertical Amplitude
C22 = 150nF
50Hz < f and f < 165Hz
200
ppm/Hz
Rlin
Ramp Linearity on Pin 22 (see Notes 4 & 5)
2.5 < V22 and V22 < 4.5V
0.5
%
Vpos
Vertical Position Adjustment Voltage
(Pin23 - VOUT centering)
Sub Address 06
Byte x0000000
Byte x1000000
Byte x1111111
3.65
3.2
3.5
3.8
3.3
V
V
V
VOR
Vertical Output Voltage
(peak-to-peak on Pin 23)
Sub Address 05
Byte x0000000
Byte x1000000
Byte x1111111
3.5
2.25
3
3.75
2.5
V
V
V
VOI
Vertical Output Maximum Current (Pin23)
±5mA
dVS
Max Vertical S-Correction Amplitude
x0xxxxxx inhibits S-CORR
x1111111 gives max S-CORR
Subaddress 07
∆V/VPP at T/4
∆V/VPP at 3T/4
-4
+4
%
%
Ccorr
Vertical C-Corr Amplitude
x0xxxxxx inhibits C-CORR
SubAddress 08
Byte x1000000
Byte x1100000
Byte x1111111
-3
0
3
%
%
%
Notes : 4. With Register 07 at Byte x0xxxxxx (Vertical S-Correction Control) then the S correction is inhibited, consequently the sawtooth has
a linear shape.
5. With Register 08 at Byte x0xxxxxx (Vertical C - Correction Control) then the C correction is inhibited, consequently the sawtooth
has a linear shape.
6. It is the frequency range for which the VERTICAL OSCILLATOR will automatically synchronize, using a single capacitor value on
Pin 22 and with a constant ramp amplitude.
TDA9110
8/29


Similar Part No. - TDA9110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9111 STMICROELECTRONICS-TDA9111 Datasheet
493Kb / 43P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9112 STMICROELECTRONICS-TDA9112 Datasheet
621Kb / 51P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9112A STMICROELECTRONICS-TDA9112A Datasheet
781Kb / 60P
   HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9113 STMICROELECTRONICS-TDA9113 Datasheet
582Kb / 50P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9115 STMICROELECTRONICS-TDA9115 Datasheet
579Kb / 45P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
August 2001
More results

Similar Description - TDA9110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109N STMICROELECTRONICS-TDA9109N Datasheet
303Kb / 32P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106 STMICROELECTRONICS-TDA9106 Datasheet
319Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com