Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD603C12S15C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SD603C12S15C
Description  SD603C04S10C
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD603C12S15C Datasheet(HTML) 4 Page - Vishay Siliconix

  SD603C12S15C Datasheet HTML 1Page - Vishay Siliconix SD603C12S15C Datasheet HTML 2Page - Vishay Siliconix SD603C12S15C Datasheet HTML 3Page - Vishay Siliconix SD603C12S15C Datasheet HTML 4Page - Vishay Siliconix SD603C12S15C Datasheet HTML 5Page - Vishay Siliconix SD603C12S15C Datasheet HTML 6Page - Vishay Siliconix SD603C12S15C Datasheet HTML 7Page - Vishay Siliconix SD603C12S15C Datasheet HTML 8Page - Vishay Siliconix SD603C12S15C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93178
4
Revision: 04-Aug-08
SD603C..C Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version), 600 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
70
80
90
100
110
120
130
0
50
100
150
200
250
300
350
30°
60°
90°
120°
180°
Average Forward Current (A)
Cond uction Angle
SD603C..C Series
(Single Side Cooled)
R
(DC) = 0.076 K/ W
thJ-hs
60
70
80
90
100
110
120
130
0
100
200
300
400
500
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Conduction Period
SD603C..C Series
(Single Side Cooled)
R
(DC) = 0.076 K/ W
thJ-hs
50
60
70
80
90
100
110
120
130
0
100
200
300
400
500
600
700
30°
60° 90°
120°
180°
Average Forward Current (A)
Conduction Angle
SD603C..C Series
(Double Side Cooled)
R
(DC) = 0.038 K/ W
thJ-hs
40
50
60
70
80
90
100
110
120
130
0
200
400
600
800
1000
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Conduction Period
SD603C..C Series
(Double Side Cooled)
R
(DC) = 0.038 K/ W
thJ-hs
0
200
400
600
800
1000
1200
1400
1600
1800
0
100
200300
400500
600
180°
120°
90°
60°
30°
Average Forward Current (A)
RMSLimit
SD603C..C Series
T = 125°C
J
Conduction Angle
0
500
1000
1500
2000
2500
0
200
400
600
800
1000
Average Forward Current (A)
RMSLimit
DC
180°
120°
90°
60°
30°
SD603C..C Series
T = 125°C
J
Conduc tion Period


Similar Part No. - SD603C12S15C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD603C12S15C IRF-SD603C12S15C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD603C12S15C VISHAY-SD603C12S15C Datasheet
443Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 600 A
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com