Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62240FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62240FP
Description  Single Chip Battery Charger Control IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62240FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62240FP Datasheet HTML 1Page - Renesas Technology Corp M62240FP Datasheet HTML 2Page - Renesas Technology Corp M62240FP Datasheet HTML 3Page - Renesas Technology Corp M62240FP Datasheet HTML 4Page - Renesas Technology Corp M62240FP Datasheet HTML 5Page - Renesas Technology Corp M62240FP Datasheet HTML 6Page - Renesas Technology Corp M62240FP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REJ03F0239-0200 Rev.2.00 Sep 14, 2007
Page 1 of 6
M62240FP
Single Chip Battery Charger Control IC
REJ03F0239-0200
Rev.2.00
Sep 14, 2007
Description
The M62240FP is a general purpose battery charger control IC. It can control all of the sequence needed for battery
charging, it also has functions such as detection of battery temperature, a protection against over-current/voltage, a
safety timer and so on. Moreover, it can adapt to charge Ni-Cd, Ni-MH batteries by adding few peripheral components.
The IC has the feedback control of the charge current and output voltage.
Features
• Low voltage (3 V) operation
• Built-in following functions and circuits;
 CR oscillator for internal logic
 Initialization timer and safety timer for ∆V error detection and over-charging
 D/A converter and shift registers to maintain the peak voltage of battery
 Main output SW driving circuits
 LED driving circuit for displaying the status of the charging
 System reset circuit for detecting the power supply voltage
 Temperature detection circuit for the Ni-MH battery
 Voltage and current control circuits for feedback to the primary side of the SMPS.
 Protective functions including detection of over-voltage in charge mode and over-current in adapter mode and so on
Application
Battery charger for video cameras and handheld telephones, etc.
Block Diagram
P.C
ISET1
ISET2
20
1
710
19
GND
45
Rc
Cc
TEST OC SET
12
11
14
9
8
6
3
18
16
13
2
17
SYSTEM
RESET CHT.
STABLED
PWR. SUP.
LED
DRIVER
OUTPUT
SW DRIVER
Batt SW
VTR SW
Batt T
Batt+
Batt
BATTERY TEMP
DET. CKT.
BATT. VOLTAGE
DET. CKT.
OVER-CURRENT
DET. CKT.
−∆V ERROR DET.
PREV. LOGIC
OSCILLATOR
CLOCK
GEN. CKT.
TEST
CKT.
VOLTAGE
SET-UP CKT.
CURRENT
SET-UP CKT.
VCC
Vref1 Vref2
VDET IDET
LED
Chg SW
15
CONTROL LOGIC
+
+


Similar Part No. - M62240FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62240FP MITSUBISHI-M62240FP Datasheet
41Kb / 6P
   SINGLE CHIP BATTERY CHARGER CONTROL IC
More results

Similar Description - M62240FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62241FP RENESAS-M62241FP Datasheet
264Kb / 22P
   Single Chip Battery Charger Control IC
logo
Mitsubishi Electric Sem...
M62241FP MITSUBISHI-M62241FP Datasheet
262Kb / 18P
   SINGLE CHIP BATTERY CHARGER CONTROL IC
logo
Renesas Technology Corp
M62256FP RENESAS-M62256FP Datasheet
222Kb / 11P
   Single Chip Battery Charger Control IC
logo
Mitsubishi Electric Sem...
M62240FP MITSUBISHI-M62240FP Datasheet
41Kb / 6P
   SINGLE CHIP BATTERY CHARGER CONTROL IC
M62256FP MITSUBISHI-M62256FP Datasheet
46Kb / 9P
   Single chip battery charger control IC
M62255FP MITSUBISHI-M62255FP Datasheet
59Kb / 12P
   GENERAL PURPOSE BATTERY CHARGER CONTROL IC
logo
Renesas Technology Corp
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
M62255FP RENESAS-M62255FP Datasheet
166Kb / 13P
   General Purpose Battery Charger Control IC
M62258FP RENESAS-M62258FP Datasheet
204Kb / 9P
   General Purpose Battery Charger Control IC
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com