Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD803C12S15C Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SD803C12S15C
Description  Fast Recovery Diodes (Hockey PUK Version), 845 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD803C12S15C Datasheet(HTML) 7 Page - Vishay Siliconix

  SD803C12S15C Datasheet HTML 1Page - Vishay Siliconix SD803C12S15C Datasheet HTML 2Page - Vishay Siliconix SD803C12S15C Datasheet HTML 3Page - Vishay Siliconix SD803C12S15C Datasheet HTML 4Page - Vishay Siliconix SD803C12S15C Datasheet HTML 5Page - Vishay Siliconix SD803C12S15C Datasheet HTML 6Page - Vishay Siliconix SD803C12S15C Datasheet HTML 7Page - Vishay Siliconix SD803C12S15C Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 93180
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 04-Aug-08
7
SD803C..C Series
Fast Recovery Diodes
(Hockey PUK Version), 845 A
Vishay High Power Products
Fig. 18 - Maximum Total Energy Loss Per Pulse Characteristics
ORDERING INFORMATION TABLE
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
2
0.1
Pulse Basewidth (µs)
4
dv/ d t = 1000V/ µs
Sinusoidal Pulse
20 jo ules p er p ulse
10
0.4
0.2
0.04
T = 125°C, V
= 800V
0.02
0.01
J
RRM
SD803C..S15C Series
tp
1E1
1E2
1E3
1E4
1
2
0.1
Pulse Basewidth (µs)
4
20 joules p er p ulse
10
0.4
0.2
T = 125°C, V
= 800V
Trapezoidal Pulse
d v/ dt = 1000V/ µs; di/ dt=50A/ µs
SD803C..S15C Series
J
RRM
tp
1
-
Diode
2
-
Essential part number
3
-
3 = Fast recovery
4
-
C = Ceramic PUK
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
6
-trr code (see Recovery Characteristics table)
7
-
C = PUK case B-43
Device code
5
13
24
67
SD
80
3
C
16
S15
C
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95249


Similar Part No. - SD803C12S15C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD803C12S15C VISHAY-SD803C12S15C Datasheet
347Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
Revision: 04-Aug-08
More results

Similar Description - SD803C12S15C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD803CC VISHAY-VS-SD803CC Datasheet
362Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
Revision: 14-Jan-14
VS-SD803CC VISHAY-VS-SD803CC_V01 Datasheet
346Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
01-Jan-2022
SD803C04S10C VISHAY-SD803C04S10C_12 Datasheet
347Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
Revision: 04-Aug-08
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com