Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1053C18S30L Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SD1053C18S30L
Description  Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1053C18S30L Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SD1053C18S30L Datasheet HTML 3Page - Vishay Siliconix SD1053C18S30L Datasheet HTML 4Page - Vishay Siliconix SD1053C18S30L Datasheet HTML 5Page - Vishay Siliconix SD1053C18S30L Datasheet HTML 6Page - Vishay Siliconix SD1053C18S30L Datasheet HTML 7Page - Vishay Siliconix SD1053C18S30L Datasheet HTML 8Page - Vishay Siliconix SD1053C18S30L Datasheet HTML 9Page - Vishay Siliconix SD1053C18S30L Datasheet HTML 10Page - Vishay Siliconix SD1053C18S30L Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Document Number: 93167
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
7
SD1053C..L Series
Fast Recovery Diodes
(Hockey PUK Version),
920/1050 A
Vishay High Power Products
Fig. 22 - Recovery Time Characteristics
Fig. 23 - Recovery Charge Characteristics
Fig. 24 - Recovery Current Characteristics
Fig. 25 - Recovery Time Characteristics
Fig. 26 - Recovery Charge Characteristics
Fig. 27 - Recovery Current Characteristics
2.5
3
3.5
4
4.5
5
5.5
6
6.5
10
100
1000
Rate Of Fa ll Of Forward Current - d i/d t (A/ µs)
500 A
I
= 1500 A
Sine Pulse
1000 A
FM
SD1053C..S20L Series
T = 150 °C; V > 100V
r
J
0
100
200
300
400
500
600
700
800
900
1000
0
50 100 150 200 250 300
Rate Of Fa ll Of Forwa rd Current - d i/ dt (A/µs)
500 A
I
= 1500 A
Sine Pulse
1000 A
FM
SD1053C..S20L Series
T = 150 °C; V > 100V
r
J
0
50
100
150
200
250
300
350
400
450
500
0
50 100 150200 250300
500 A
Ra te Of Fa ll Of Forwa rd Current - d i/ dt (A/ µs)
I
= 1500 A
Sine Pulse
1000 A
FM
SD1053C..S20L Series
T = 150 °C; V > 100V
J
r
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
10
100
1000
Rate Of Fa ll Of Forward Current - di/ dt (A/ µs)
500 A
I
= 1500 A
Sine Pulse
1000 A
FM
SD1053C..S30L Series
T = 150 °C; V > 100V
J
r
0
200
400
600
800
1000
1200
1400
1600
0
50
100 150 200 250 300
Rate Of Fall Of Forward Current - d i/ d t (A/ µs)
I
= 1500 A
Sine Pulse
FM
1000 A
500 A
SD1053C..S30L Series
T = 150°C; V > 100V
J
r
0
100
200
300
400
500
600
700
0
50
100 150 200 250 300
Ra te Of Fa ll Of Forward Current - d i/ d t (A/ µs)
1000 A
500 A
SD1053C..S30L Series
T = 150°C; V > 100V
J
r
I
= 1500 A
Sine Pulse
FM


Similar Part No. - SD1053C18S30L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1053C18S30L VISHAY-SD1053C18S30L Datasheet
464Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
More results

Similar Description - SD1053C18S30L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD1053CL VISHAY-VS-SD1053CL Datasheet
472Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 15-Feb-17
SD1053C18S20L VISHAY-SD1053C18S20L_12 Datasheet
464Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
VS-SD1053CL VISHAY-VS-SD1053CL_V01 Datasheet
482Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920 A, 1050 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com