Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6700 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH6700
Description  High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6700 Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH6700_05 Datasheet HTML 1Page - Vishay Siliconix SFH6700_05 Datasheet HTML 2Page - Vishay Siliconix SFH6700_05 Datasheet HTML 3Page - Vishay Siliconix SFH6700_05 Datasheet HTML 4Page - Vishay Siliconix SFH6700_05 Datasheet HTML 5Page - Vishay Siliconix SFH6700_05 Datasheet HTML 6Page - Vishay Siliconix SFH6700_05 Datasheet HTML 7Page - Vishay Siliconix SFH6700_05 Datasheet HTML 8Page - Vishay Siliconix SFH6700_05 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83683
4
Rev. 1.5, 15-Apr-05
SFH6700/01/02/05/11/12/19
Vishay Semiconductors
High Speed Optocoupler,
5 MBd, 1 kV/µs dV/dt
Notes
(1) - 40 °C
≤ T
amb ≤ 85 °C; 4.5 V ≤ VCC ≤ 15 V; 1.6 mA ≤ IFon ≤ 5.0 mA; 2.0 ≤ VEH ≤ 15 V; 0 ≤ VEL ≤ 0.8 V; 0 mA ≤ IFoff ≤ 0.1 mA.
Typical values: Tamb = 25 °C; VCC = 5.0 V; IFon = 3.0 mA unless otherwise specified. Minimum and maximum values are testing requirements.
Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are
not part of the testing requirements.
(2) Output short circuit time
≤ 10 ms.
ELECTRICAL CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 5.0 mA
VF
1.6
1.75
V
IF = 5.0 mA
VF
1.8
V
Input current hysteresis
VCC = 5.0 V, IHYS = IFon - IFon
IHYS
0.1
mA
Reverse current
VR = 3.0 V
IR
0.5
10
µA
Capacitance
VR = 0 V, f = 1 MHz
CO
60
pF
Thermal resistance
RthJA
700
K/W
OUTPUT
Logic low output voltage
IOL = 6.4 mA
VOL
0.5
V
Logic high output voltage
(except SFH6705)
IOH = 2.6 mA, VOH = VCC - 1.8 V
2.4
V
Output leakage current
(VOUT > VCC)
(except SFH6705)
VO = 5.5 V, VCC = 4.5 V, IF = 5.0 mA
IOHH
0.5
100
µA
VO = 15 V, VCC = 4.5 V, IF = 5.0 mA
IOHH
1.0
500
µA
Output leakage current
(SFH6705 only)
VO = 5.5 V, VCC = 5.5 V, IF = 5.0 mA
IOHH
0.5
100
µA
VO = 15 V, VCC = 15 V, IF = 5.0 mA
IOHH
1.0
500
µA
Logic high enable voltage
(SFH6700/19 only)
VEH
2.0
V
Logic low enable voltage
(SFH6700/19 only)
VEL
0.8
V
Logic high enable current
(SFH6700/19 only)
VEN = 2.7 V
IEH
20
µA
VEN = 5.5 V
IEH
100
µA
VEN = 15 V
IEH
0.001
250
µA
Logic low enable current
(SFH6700/19 only)
VEN = 0.4 V
IEL
- 320
- 50
µA
High impedance state output
current (SFH6700/19 only)
VO = 0.4 V, VEN = 2.0 V,
IF = 5.0 mA
IOZL
- 20
µA
VO = 2.4 V, VEN = 2.0 V,
IF = 0 mA
IOZH
20
µA
VO = 5.5 V, VEN = 2.0 V,
IF = 0 mA
IOZH
100
µA
IOZH
0.001
500
µA
Logic low supply current
VCC = 5.5 V, IF = 0
ICCL
3.7
6.0
mA
VCC = 15 V, IF = 0
ICCL
4.1
6.5
mA
Logic high supply current
VCC = 5.5 V, IF = 5.0 mA
ICCH
3.4
4.0
mA
VCC = 15 V, IF = 5.0 mA
ICCH
3.7
5.0
mA
Logic low short circuit output
current (2)
VO = VCC = 5.5 V, IF = 0
IOSL
25
mA
VO = VCC = 15 V, IF = 0
IOSL
40
mA
Logic high short circuit output
current (2)
VCC = 5.5 V, VO = 0 V, IF = 5.0
IOSL
- 10
mA
VCC = 15 V, VO = 0 V, IF = 5.0
IOSL
- 25
mA
Thermal resistance
RthJA
300
K/W
COUPLER
Capacitance (input to output)
f = 1 MHz, pins 1 to 4 and 5 to 8
shorted together
CIO
0.6
pF
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
1011
Ω


Similar Part No. - SFH6700_05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6700-X009 VISHAY-SFH6700-X009 Datasheet
408Kb / 16P
   High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Rev. 1.3, 27-Apr-04
More results

Similar Description - SFH6700_05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6701 VISHAY-SFH6701 Datasheet
408Kb / 16P
   High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Rev. 1.3, 27-Apr-04
SFH6345 VISHAY-SFH6345_08 Datasheet
182Kb / 8P
   High Speed Optocoupler, 1 Mbd, 15 kV/µs CMR, Transistor Output
Rev. 1.6, 18-Feb-08
VO3052 VISHAY-VO3052_08 Datasheet
130Kb / 7P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3062 VISHAY-VO3062 Datasheet
122Kb / 7P
   Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3062 VISHAY-VO3062_08 Datasheet
117Kb / 7P
   Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
VO3052 VISHAY-VO3052_12 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, 1.5 kV/μs dV/dt, 600 V
Rev. 1.9, 11-Aug-11
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com