Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6916 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFH6916
Description  Optocoupler, Phototransistor Output, Quad Channel, SOP-16, Half Pitch Mini-Flat Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6916 Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH6916 Datasheet HTML 1Page - Vishay Siliconix SFH6916 Datasheet HTML 2Page - Vishay Siliconix SFH6916 Datasheet HTML 3Page - Vishay Siliconix SFH6916 Datasheet HTML 4Page - Vishay Siliconix SFH6916 Datasheet HTML 5Page - Vishay Siliconix SFH6916 Datasheet HTML 6Page - Vishay Siliconix SFH6916 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 83687
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.8, 16-May-08
755
Optocoupler, Phototransistor Output,
Quad Channel, SOP-16, Half Pitch Mini-Flat Package
SFH6916
Vishay Semiconductors
DESCRIPTION
The SFH6916 has a GaAs infrared emitter, which is optically
coupled to a silicon planar phototransistor detector, and is
incorporated in a 16 pin 50 mil lead pitch miniflat package. It
features
a
high
current transfer ratio, low coupling
capacitance, and high isolation voltage.
The coupling devices are designed for signal transmission
between two electrically separated circuits.
FEATURES
• SOP (small outline package)
• Isolation test voltage, 3750 VRMS (1.0 s)
• High collector emitter voltage, VCEO = 70 V
• Low saturation voltage
• Fast switching times
• Temperature stable
• Low coupling capacitance
• End stackable, 0.050" (1.27 mm) spacing
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, file no. E52744 system code U
• DIN EN 60747-5-5 available with option 1
i179076
1
2
E
C
A
C
15
16
3
4
E
C
A
C
13
14
5
6
E
C
A
C
11
12
7
8
E
C
A
C
9
10
ORDER INFORMATION
PART
REMARKS
SFH6916
CTR 50 to 300 %, SOP-16
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6.0
V
DC forward current
IF
50
mA
Surge forward current
tp ≤ 10 µs
IFSM
2.5
A
Total power dissipation
Pdiss
80
mW
OUTPUT
Collector emitter voltage
VCE
70
V
Emitter collector voltage
VEC
7.0
V
Collector current
IC
50
mA
tp = 1.0 ms
IC
100
mA
Total power dissipation per channel
Pdiss
150
mW
COUPLER
Isolation test voltage between emitter
and detector (1.0 s)
VISO
3750
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature range
Tstg
- 55 to + 125
°C


Similar Part No. - SFH6916

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6916 VISHAY-SFH6916 Datasheet
140Kb / 7P
   Optocoupler, Phototransistor Output, Quad Channel, SOP-16, Half Pitch Mini-Flat Package
Rev. 2.1, 12-Apr-13
SFH6916 VISHAY-SFH6916 Datasheet
326Kb / 8P
   Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
01-Jan-2022
SFH6916 VISHAY-SFH6916 Datasheet
327Kb / 8P
   Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
01-Jan-2023
SFH6916-X001 VISHAY-SFH6916-X001 Datasheet
326Kb / 8P
   Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
01-Jan-2022
SFH6916T VISHAY-SFH6916T Datasheet
326Kb / 8P
   Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
01-Jan-2022
More results

Similar Description - SFH6916

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6916 VISHAY-SFH6916 Datasheet
140Kb / 7P
   Optocoupler, Phototransistor Output, Quad Channel, SOP-16, Half Pitch Mini-Flat Package
Rev. 2.1, 12-Apr-13
TCMT4100 VISHAY-TCMT4100 Datasheet
339Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
Rev. 1.1, 19-Jan-16
TCMT4100 VISHAY-TCMT4100_V02 Datasheet
336Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2023
TCMT4106 VISHAY-TCMT4106_V01 Datasheet
336Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2022
SFH6916 VISHAY-SFH6916_V01 Datasheet
326Kb / 8P
   Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
01-Jan-2022
SFH6916 VISHAY-SFH6916_V02 Datasheet
327Kb / 8P
   Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
01-Jan-2023
TCLT11 VISHAY-TCLT11 Datasheet
205Kb / 9P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 1.8, 03-Dec-04
TCLT1100 VISHAY-TCLT1100 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 2.1, 09-Jan-08
TCLT110 VISHAY-TCLT110 Datasheet
158Kb / 6P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 2.5, 16-May-13
SFH690ABT VISHAY-SFH690ABT Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
Rev. 1.5, 20-Apr-04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com