Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM20 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SM20
Description  Rack and Panel Connectors Subminiature Rectangular
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM20 Datasheet(HTML) 2 Page - Vishay Siliconix

  SM20 Datasheet HTML 1Page - Vishay Siliconix SM20 Datasheet HTML 2Page - Vishay Siliconix SM20 Datasheet HTML 3Page - Vishay Siliconix SM20 Datasheet HTML 4Page - Vishay Siliconix SM20 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SM20
Vishay Dale
Document Number: 36010
For technical questions, contact: connectors@vishay.com
www.vishay.com
Revision: 15-Feb-07
2
DIMENSIONS in inches [millimeters]
TERMINAL VARIATIONS in inches [millimeters]
SMS
With Turnable
(SK035) Screwlocks
SMP
With Turnable
(SK035) Screwlocks
SMS
With Turnable
(SK030) Screwlocks
View A-A Typ.
SMP
With Turnable
(SK030) Screwlocks
.110
[2.79]
.220
[5.59]
.580
[14.73]
.046 [1.17]
Wide x
.062 [1.57]
Deep Typ.
2-56 UNC-2A
Thread is
standard
A
.120
[3.05]
.610
[15.49]
A
.220
[5.59]
2-56 UNC-2A
Thread is
standard
.110
[2.79]
.220
[5.59]
.595
[15.11]
.120
[3.05]
.046 [1.17]
Wide x
.062 [1.57]
Deep Typ.
.590
[14.99]
.220
[5.59]
.156
[3.96]
Dia.
.093 [2.36]
Hex Typ.
.156 [3.96]
Dia.
DIP SOLDER PC BOARD MOUNTING PATTERNS
Male (SMP) Connector is shown - Female is opposite. Contact row and Mating Hole C to C Dimensions also applies to Solder Cup Connectors.
14 CONTACTS
11 CONTACTS
7 CONTACTS
5 CONTACTS
42 CONTACTS
50 CONTACTS
75 CONTACTS
34 CONTACTS
26 CONTACTS
20 CONTACTS
.125 [3.18]
Typ.
LL
1.250
[31.75]
Ref.
1.562
[39.67]
.093 [2.36]
Dia. Typ.
.324 [8.23]
Ref.
.108
[2.74]
Typ.
.156
[3.96]
Typ.
.054 [1.37]
Typ.
.0625 [1.59]
Typ.
.110
[2.79]
.220 [5.59]
1.500
[38.10]
Ref.
.093 [2.36]
Dia. Typ.
1.812
[46.02]
.540 [13.72]
Ref.
.108
[2.74]
Typ.
.0625
[1.59]
Typ.
.156 3.96]
Typ.
.250
[6.35]
Ref.
.531
[13.49]
.108 [2.74]
Ref.
.093 [2.36]
Dia. Typ.
.054 [1.37]
Typ.
.140 [3.56]
Typ.
.0625 [1.59]
Typ.
.093 [2.36]
Dia. Typ.
.054
[1.37]
Typ.
.108 [2.74]
Ref.
.375
[9.53]
Ref.
.625
[15.88]
.0625 [1.59]
Typ.
.216 [5.49]
Ref.
.108
[2.74]
Typ.
.0625 [1.59]
Typ.
.750
[19.05]
.500
[12.70]
Ref.
.093 [2.36]
Dia. Typ.
.125
[3.18]
Typ.
.750
[19.05]
Ref.
1.0
[25.40]
.093 [2.36]
Dia. Typ.
.108 [2.74]
Typ.
.216 [5.49]
Ref.
.0625 [1.59]
Typ.
.125 [3.18]
Typ.
1.000
[25.40]
Ref.
.216 [5.49]
Ref.
1.25
[31.75]
.093 [2.36]
Dia. Typ.
.0625 [1.59]
Typ.
.108 [2.74]
Typ.
.125 [3.18]
Typ.
1.000
[25.40]
Typ.
.054 [1.37]
Typ.
.0625 [1.59]
Typ.
1.312
[33.32]
.324 [8.23]
Ref.
.093 [2.36]
Dia. Typ.
.108 [2.74]
Typ.
.156 [3.96]
Typ.
.0625 [1.59]
Typ.
1.812
[46.02]
1.500
[38.10]
Ref.
.054 [1.37]
Typ.
.093 [2.36]
Dia. Typ.
.108
[2.74]
Typ.
.156
[3.96]
Typ.
.324 [8.23]
Ref.
.625
[15.88]
.0625 [1.59]
Typ.
.108
[2.74]
Typ.
.216 [5.49]
Ref.
.093 [2.36]
Dia. Typ.
.375
[9.53]
Ref.
.125
[3.18]
Typ.
B
A
B
A
C
B
A
C
B
A
A
B
C
C
B
A
C BA
A
B
C
B
A
B
C
A
C


Similar Part No. - SM20

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM20 SEMTECH-SM20 Datasheet
118Kb / 3P
   RECTIFIER, up to 3kV, 600mA, 2.5關s
logo
MIC GROUP RECTIFIERS
SM20 MIC-SM20 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM20 VISHAY-SM20 Datasheet
850Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
logo
Kemet Corporation
SM20 KEMET-SM20 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
SM20 ETC-SM20 Datasheet
422Kb / 1P
   SURFACE MOUNT PRECISION PLATE RESISTORS
More results

Similar Description - SM20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
Hirose Electric
QR-P18 HIROSE-QR-P18 Datasheet
521Kb / 12P
   Rectangular, Multiple-Position Rack/Panel Insulation Displacement Connectors
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
   Rack and Panel Filter Connectors
logo
Hirose Electric
QRP8-12P-C HIROSE-QRP8-12P-C_09 Datasheet
280Kb / 5P
   Ultra-small Rectangular Multi-electrode solderless Connectors for Rack and Panel Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com