Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM20 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SM20
Description  Rack and Panel Connectors Subminiature Rectangular
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM20 Datasheet(HTML) 4 Page - Vishay Siliconix

  SM20 Datasheet HTML 1Page - Vishay Siliconix SM20 Datasheet HTML 2Page - Vishay Siliconix SM20 Datasheet HTML 3Page - Vishay Siliconix SM20 Datasheet HTML 4Page - Vishay Siliconix SM20 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SM20
Vishay Dale
Document Number: 36010
For technical questions, contact: connectors@vishay.com
www.vishay.com
Revision: 15-Feb-07
4
PANEL CUTOUT in inches [millimeters]
NUMBER OF
CONTACTS
AB
CD
FIGURE
5
.230
[5.84]
.531
[13.49]
.410
[10.41]
I
7
.230
[5.84]
.625
[15.88]
.500
[12.70]
11
.340
[8.64]
.625
[15.88]
.530
[13.46]
14
.340
[8.64]
.750
[19.05]
.620
[15.75]
20
.340
[8.64]
1.0
[25.40]
.910
[23.11]
26
.340
[8.64]
1.25
[31.75]
1.16
[29.46]
34
.500
[12.70]
1.312
[33.32]
1.16
[29.46]
.343
[8.71]
II
42
.500
[12.70]
1.562
[39.68]
1.41
[35.81]
.343
[8.71]
50
.500
[12.70]
1.812
[46.02]
1.66
[42.16]
.343
[8.71]
75
.720
[18.29]
1.812
[46.02]
1.66
[42.16]
.562
[14.28]
III
ORDERING INFORMATION
*To order complete connector with hardware supplied unassembled, add suffix “UA” on end of hardware designation.
-
EXAMPLES:
SMBS20-26SK035 = Female, 26 beryllium copper socket contacts
with socket head knobs on turnable screwlocks for #20 AWG wiring.
SMP20-14SL3 = Male, 14 contact pins, fixed screwlocks with 3-48 threads
for #20 AWG wiring.
B
CONTACT
TYPE
(OPTIONAL)
B = Beryllium copper, socket
contacts (Solder cup).
D = Dip solder contacts.
C
CONTACTS
(OPTIONAL)
Closed entry socket
contacts only. Omit
for standard contacts.
027*
HARDWARE
OPTIONS
(Omit if no hardware desired)
027 = Slotted cres guides .090" [2.29mm]
diameter.
SK = Turnable screwlocks with 2-56
threads.
SK3 = Turnable screwlocks with 3-48
threads.
SL = Fixed screwlocks with 2-56 threads.
SL3 = Fixed screwlocks with 3-48 threads.
SK030 = Turnable screwlocks with short
slotted knobs.
SK035 = Turnable screwlocks with socket
head knobs.
SK3030 = Turnable screwlocks with short
slotted knobs with 3-48 threads.
SK3035 = Turnable screwlocks with
socket head knobs with 3-48 threads.
20
CONTACT
SIZE
#20 AWG
S
CONTACT
STYLE
P = Pin
S = Socket
SM
MODEL
Subminiature
R
(OPTIONAL)
(OPTIONAL)
R = Reversed guides
or screwlocks.
Omit for standard.
5, 7, 11, 14, 20,
26, 34, 42, 50, 75
26
NUMBER OF
CONTACTS
G
PLATING
Optional plating available:
G= Gold (.00003 thick) over nickel.
G5= Gold (.00005 thick) over nickel.
Omit designator for gold (.00001
thick) over nickel.
FIGURE I
.093 [2.36]
Dia. Typ.
D
B
C
A
A
D
.312
[7.93]
B
C
A
B
.093
[2.36]
C
.093 [2.36]
Dia. Typ.
.218
[5.54]
FIGURE III
.093
[2.36]
FIGURE II


Similar Part No. - SM20

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM20 SEMTECH-SM20 Datasheet
118Kb / 3P
   RECTIFIER, up to 3kV, 600mA, 2.5關s
logo
MIC GROUP RECTIFIERS
SM20 MIC-SM20 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM20 VISHAY-SM20 Datasheet
850Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
logo
Kemet Corporation
SM20 KEMET-SM20 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
SM20 ETC-SM20 Datasheet
422Kb / 1P
   SURFACE MOUNT PRECISION PLATE RESISTORS
More results

Similar Description - SM20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
Hirose Electric
QR-P18 HIROSE-QR-P18 Datasheet
521Kb / 12P
   Rectangular, Multiple-Position Rack/Panel Insulation Displacement Connectors
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
   Rack and Panel Filter Connectors
logo
Hirose Electric
QRP8-12P-C HIROSE-QRP8-12P-C_09 Datasheet
280Kb / 5P
   Ultra-small Rectangular Multi-electrode solderless Connectors for Rack and Panel Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com