Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15T7V5A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SM15T7V5A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM15T7V5A Datasheet(HTML) 3 Page - Vishay Siliconix

  SM15T7V5A Datasheet HTML 1Page - Vishay Siliconix SM15T7V5A Datasheet HTML 2Page - Vishay Siliconix SM15T7V5A Datasheet HTML 3Page - Vishay Siliconix SM15T7V5A Datasheet HTML 4Page - Vishay Siliconix SM15T7V5A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SM15T Series
Vishay General Semiconductor
Document Number: 88380
Revision: 21-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Power or Current vs. Initial Junction Temperature
Figure 3. Pulse Waveform
0.1
1
10
100
td - Pulse Width (s)
0.31 x 0.31" (8.0 x 8.0 mm)
Copper Pad Areas
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
0
25
50
75
100
100
75
50
25
0
125
150
175
200
TJ - Initial Temperature (°C)
0
50
100
150
t
r = 10 µs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
t
d
10/1000 µs Waveform
as defined by R.E.A.
0
1.0
2.0
3.0
4.0
t - Time (ms)
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
Figure 4. Typical Junction Capacitance Uni-Directional
Figure 5. Typical Transient Thermal Impedance
Figure 6. Maximum Non-Repetitive Forward Surge Current
Uni-Directional Use Only
10
100
1000
10 000
20 000
10
1
100
400
Uni-Directional
Bi-Directional
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Measured at
Zero Bias
V
R, Measured at
Stand-Off
Voltage, V
WM
VWM - Reverse Stand-Off Voltage (V)
0.1
1.0
10
100
0.001
0.01
0.1
10
1
100
1000
t - Pulse Duration (s)
1
10
100
10
100
200
T
J = TJ max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz


Similar Part No. - SM15T7V5A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T7V5A STMICROELECTRONICS-SM15T7V5A Datasheet
189Kb / 5P
   TRANSILTM
logo
General Semiconductor
SM15T7V5A GE-SM15T7V5A Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
SM15T7V5A STMICROELECTRONICS-SM15T7V5A Datasheet
125Kb / 9P
   TransilTM
logo
MDE Semiconductor, Inc.
SM15T7V5A MDE-SM15T7V5A Datasheet
157Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM15T7V5A VISHAY-SM15T7V5A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-13
More results

Similar Description - SM15T7V5A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com