Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAZ5919B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SMAZ5919B
Description  Surface Mount Power Voltage-Regulating Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMAZ5919B Datasheet(HTML) 3 Page - Vishay Siliconix

  SMAZ5919B Datasheet HTML 1Page - Vishay Siliconix SMAZ5919B Datasheet HTML 2Page - Vishay Siliconix SMAZ5919B Datasheet HTML 3Page - Vishay Siliconix SMAZ5919B Datasheet HTML 4Page - Vishay Siliconix SMAZ5919B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
New Product
SMAZ5919B thru SMAZ5945B
Vishay General Semiconductor
Document Number: 88488
Revision: 20-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Notes:
(1) Mounted on P.C.B. with 5.0 x 5.0 mm copper pads attached to each terminal
(2) Mounted on minimum recommended pad layout
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Typical thermal resistance, junction to lead (1)
RθJL
50
°C/W
Typical thermal resistance, junction to ambient (2)
RθJA
250
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMAZ5925B-E3/61
0.064
61
1800
7" diameter plastic tape and reel
SMAZ5925B-E3/5A
0.064
5A
7500
13" diameter plastic tape and reel
Figure 1. Steady State Power Durating
Figure 2. Typical Zener Voltage
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
25
50
75
100
125
150
Temperature (°C)
T
A
T
L
100
10
1
0246
0.1
VZ - Zener Voltage (V)
10
135
79
8
Figure 3. Typical Zener Voltage
Figure 4. Typical Temperature Coefficients
100
10
1
020
40
60
0.1
VZ - Zener Voltage (V)
70
10
30
50
1.0
2.0
3.0
4.0
5.0
5.0
6.0
6.5
5.5
7.0
0
VZ - Zener Voltage (V)
V
Z at IZT


Similar Part No. - SMAZ5919B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAZ5919B VISHAY-SMAZ5919B Datasheet
94Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMAZ5919B VISHAY-SMAZ5919B Datasheet
96Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 12-Jan-15
SMAZ5919B VISHAY-SMAZ5919B Datasheet
108Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
01-Jan-2022
SMAZ5919B VISHAY-SMAZ5919B_V01 Datasheet
108Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
01-Jan-2022
More results

Similar Description - SMAZ5919B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAZ5945B-E3 VISHAY-SMAZ5945B-E3 Datasheet
96Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 12-Jan-15
SMAZ5919B VISHAY-SMAZ5919B_V01 Datasheet
108Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
01-Jan-2022
SMAZ5941B-E3 VISHAY-SMAZ5941B-E3 Datasheet
94Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMZJ3807B-E3 VISHAY-SMZJ3807B-E3 Datasheet
106Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
PTV3.9B VISHAY-PTV3.9B Datasheet
90Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMBZ5919B VISHAY-SMBZ5919B Datasheet
110Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZG3788 VISHAY-SMZG3788 Datasheet
97Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Sep-07
SMZJ3800B-E3 VISHAY-SMZJ3800B-E3 Datasheet
107Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMZG3788 VISHAY-SMZG3788_08 Datasheet
99Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
SMZJ3788 VISHAY-SMZJ3788 Datasheet
104Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com