Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5S20 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SM5S20
Description  Surface Mount Automotive Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM5S20 Datasheet(HTML) 2 Page - Vishay Siliconix

  SM5S20 Datasheet HTML 1Page - Vishay Siliconix SM5S20 Datasheet HTML 2Page - Vishay Siliconix SM5S20 Datasheet HTML 3Page - Vishay Siliconix SM5S20 Datasheet HTML 4Page - Vishay Siliconix SM5S20 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SM5S10 thru SM5S36A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88382
Revision: 20-Oct-08
2
Note:
For all types maximum VF = 2.0 V at IF = 100 A measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per
minute maximum
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
TYPE
BREAKDOWN
VOLTAGE
VBR (V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE AT
VWM
ID (µA)
MAXIMUM REVERSE
LEAKAGE
AT VWM
TJ = 175 °C
ID (µA)
MAX. PEAK
PULSE CURRENT
AT 10/1000 µs
WAVEFORM
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MIN.
MAX.
SM5S10
11.1
13.6
5.0
10.0
15
250
191
18.8
SM5S10A
11.1
12.3
5.0
10.0
15
250
212
17.0
SM5S11
12.2
14.9
5.0
11.0
10
150
179
20.1
SM5S11A
12.2
13.5
5.0
11.0
10
150
198
18.2
SM5S12
13.3
16.3
5.0
12.0
10
150
164
22.0
SM5S12A
13.3
14.7
5.0
12.0
10
150
181
19.9
SM5S13
14.4
17.6
5.0
13.0
10
150
151
23.8
SM5S13A
14.4
15.9
5.0
13.0
10
150
167
21.5
SM5S14
15.6
19.1
5.0
14.0
10
150
140
25.8
SM5S14A
15.6
17.2
5.0
14.0
10
150
155
23.2
SM5S15
16.7
20.4
5.0
15.0
10
150
134
26.9
SM5S15A
16.7
18.5
5.0
15.0
10
150
148
24.4
SM5S16
17.8
21.8
5.0
16.0
10
150
125
28.8
SM5S16A
17.8
19.7
5.0
16.0
10
150
138
26.0
SM5S17
18.9
23.1
5.0
17.0
10
150
118
30.5
SM5S17A
18.9
20.9
5.0
17.0
10
150
130
27.6
SM5S18
20.0
24.4
5.0
18.0
10
150
112
32.2
SM5S18A
20.0
22.1
5.0
18.0
10
150
123
29.2
SM5S20
22.2
27.1
5.0
20.0
10
150
101
35.8
SM5S20A
22.2
24.5
5.0
20.0
10
150
111
32.4
SM5S22
24.4
29.8
5.0
22.0
10
150
91
39.4
SM5S22A
24.4
26.9
5.0
22.0
10
150
101
35.5
SM5S24
26.7
32.6
5.0
24.0
10
150
84
43.0
SM5S24A
26.7
29.5
5.0
24.0
10
150
93
38.9
SM5S26
28.9
35.3
5.0
26.0
10
150
77
46.6
SM5S26A
28.9
31.9
5.0
26.0
10
150
86
42.1
SM5S28
31.1
38.0
5.0
28.0
10
150
72
50.1
SM5S28A
31.1
34.4
5.0
28.0
10
150
79
45.4
SM5S30
33.3
40.7
5.0
30.0
10
150
67
53.5
SM5S30A
33.3
36.8
5.0
30.0
10
150
74
48.4
SM5S33
36.7
44.9
5.0
33.0
10
150
61
59.0
SM5S33A
36.7
40.6
5.0
33.0
10
150
68
53.3
SM5S36
40.0
48.9
5.0
36.0
10
150
56
64.3
SM5S36A
40.0
44.2
5.0
36.0
10
150
62
58.1


Similar Part No. - SM5S20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM5S20 VISHAY-SM5S20 Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM5S20 VISHAY-SM5S20 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
logo
Shenzhen Luguang Electr...
SM5S20 LUGUANG-SM5S20 Datasheet
49Kb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
SM5S20 VISHAY-SM5S20 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 14-Sep-11
logo
Shanghai Leiditech Elec...
SM5S20A LEIDITECH-SM5S20A Datasheet
1Mb / 6P
   3600W Transient Voltage Suppressor
More results

Similar Description - SM5S20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Shanghai Shunye Electro...
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Shunye Electro...
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com