Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUD35N10-26P Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SUD35N10-26P
Description  N-Channel 100-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD35N10-26P Datasheet(HTML) 5 Page - Vishay Siliconix

  SUD35N10-26P Datasheet HTML 1Page - Vishay Siliconix SUD35N10-26P Datasheet HTML 2Page - Vishay Siliconix SUD35N10-26P Datasheet HTML 3Page - Vishay Siliconix SUD35N10-26P Datasheet HTML 4Page - Vishay Siliconix SUD35N10-26P Datasheet HTML 5Page - Vishay Siliconix SUD35N10-26P Datasheet HTML 6Page - Vishay Siliconix SUD35N10-26P Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 69796
S-80184-Rev. A, 04-Feb-08
www.vishay.com
5
Vishay Siliconix
SUD35N10-26P
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
10
20
30
40
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power Derating
0
20
40
60
80
25
50
75
100
125
150
TC - Case Temperature (°C)


Similar Part No. - SUD35N10-26P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SUD35N10-26P ISC-SUD35N10-26P Datasheet
308Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
SUD35N10-26P DOINGTER-SUD35N10-26P Datasheet
862Kb / 4P
   N-Channel MOSFET uses advanced SGT technology
logo
Vishay Siliconix
SUD35N10-26P VISHAY-SUD35N10-26P Datasheet
203Kb / 10P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SUD35N10-26P-E3 VBSEMI-SUD35N10-26P-E3 Datasheet
881Kb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUD35N10-26P VISHAY-SUD35N10-26P_16 Datasheet
197Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 06-Jul-15
More results

Similar Description - SUD35N10-26P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com