Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUD40N02-3M3P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUD40N02-3M3P
Description  N-Channel 20-V (D-S), 175 °C MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD40N02-3M3P Datasheet(HTML) 1 Page - Vishay Siliconix

  SUD40N02-3M3P Datasheet HTML 1Page - Vishay Siliconix SUD40N02-3M3P Datasheet HTML 2Page - Vishay Siliconix SUD40N02-3M3P Datasheet HTML 3Page - Vishay Siliconix SUD40N02-3M3P Datasheet HTML 4Page - Vishay Siliconix SUD40N02-3M3P Datasheet HTML 5Page - Vishay Siliconix SUD40N02-3M3P Datasheet HTML 6Page - Vishay Siliconix SUD40N02-3M3P Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
SUD40N02-3m3P
New Product
Document Number: 69819
S-80260-Rev. A, 04-Feb-08
www.vishay.com
1
N-Channel 20-V (D-S), 175 °C MOSFET
FEATURES
TrenchFET® Power MOSFET
100 % Rg Tested
APPLICATIONS
Server
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
a
Qg (Typ)
20
0.0033 at VGS = 10 V
40
30 nC
0.0044 at VGS = 4.5 V
40
TO-252
S
GD
Top View
Drain Connected to Tab
Order Number:
SUD40N02-3m3P-E3 (Lead (Pb)-free)
N-Channel MOSFET
G
D
S
Notes:
a. Package limited.
b. Surface Mounted on 1" x 1" FR4 board.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
40a
A
TC = 100 °C
40a
TA = 25 °C
24.4b
TA = 100 °C
17.2b
Pulsed Drain Current
IDM
100
Continuous Source-Drain Diode Current
TC = 25 °C
IS
40a
TA = 25 °C
2.8b
Maximum Power Dissipation
TC = 25 °C
PD
79
W
TC = 100 °C
39.5
TA = 25 °C
3.3b
TA = 100 °C
1.6b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb
Steady State
RthJA
37
45
°C/W
Maximum Junction-to-Case
Steady State
RthJC
1.5
1.9
RoHS
COMPLIANT


Similar Part No. - SUD40N02-3M3P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD40N02-08 VISHAY-SUD40N02-08 Datasheet
179Kb / 3P
   N-Channel 20-V (D-S), 175C MOSFET
05-Jun-04
SUD40N02-08 VISHAY-SUD40N02-08 Datasheet
73Kb / 5P
   N-Channel 20-V (D-S), 175C MOSFET
Rev. B, 18-Aug-03
SUD40N02-08 VISHAY-SUD40N02-08_09 Datasheet
73Kb / 5P
   N-Channel 20-V (D-S), 175C MOSFET
Rev. B, 18-Aug-03
More results

Similar Description - SUD40N02-3M3P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM60N02-3M9P VISHAY-SUM60N02-3M9P Datasheet
117Kb / 6P
   N-Channel 20-V (D-S) 175 °C MOSFET
Rev. A, 04-Feb-08
logo
VBsemi Electronics Co.,...
A06N03 VBSEMI-A06N03 Datasheet
916Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
AOD456 VBSEMI-AOD456 Datasheet
1Mb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
VBE1206 VBSEMI-VBE1206 Datasheet
479Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
06N03LA VBSEMI-06N03LA_V01 Datasheet
1Mb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
K3918-ZK VBSEMI-K3918-ZK Datasheet
917Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
TSM60N03CP VBSEMI-TSM60N03CP Datasheet
902Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
STD70N02L VBSEMI-STD70N02L Datasheet
902Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
logo
Vishay Siliconix
SUM110N02-03P VISHAY-SUM110N02-03P Datasheet
42Kb / 5P
   N-Channel 20-V (D-S) 175 C MOSFET
Rev. A, 20-Jan-03
SUP60N02-4M5P VISHAY-SUP60N02-4M5P Datasheet
117Kb / 6P
   N-Channel 20-V (D-S) 175 °C MOSFET
Rev. A, 04-Feb-08
logo
VBsemi Electronics Co.,...
ME60N03AG VBSEMI-ME60N03AG Datasheet
917Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com