Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCG5.0A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SMCG5.0A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMCG5.0A Datasheet(HTML) 3 Page - Vishay Siliconix

  SMCG5.0A Datasheet HTML 1Page - Vishay Siliconix SMCG5.0A Datasheet HTML 2Page - Vishay Siliconix SMCG5.0A Datasheet HTML 3Page - Vishay Siliconix SMCG5.0A Datasheet HTML 4Page - Vishay Siliconix SMCG5.0A Datasheet HTML 5Page - Vishay Siliconix SMCG5.0A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMCG5.0 thru SMCG188CA
Vishay General Semiconductor
Document Number: 88457
Revision: 22-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Notes:
(1) Pulse test: tp
≤ 50 ms
(2) Surge current waveform per Fig. 3 and derated per Fig. 2
(3) For bi-directional types having VWM of 10 V and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
(5) For the bi-directional SMCG5.0CA, the maximum VBR is 7.25 V
(6) VF = 3.5 V at IF = 100 A (uni-directional only)
(+) Underwriters laboratory recognition for the classification of protectors (QVGQ2) under the UL standard for safety 497B and file number
E136766 for both uni-directional and bi-directional devices
(+)SMCG43
GFS
BFS
47.8
58.4
1.0
43
1.0
19.6
76.7
(+)SMCG43A
GFT
BFT
47.8
52.8
1.0
43
1.0
21.6
69.4
(+)SMCG45
GFU
GFU
50.0
61.1
1.0
45
1.0
18.7
80.3
(+)SMCG45A
GFV
GFV
50.0
55.3
1.0
45
1.0
20.6
72.7
(+)SMCG48
GFW
GFW
53.3
65.1
1.0
48
1.0
17.5
85.5
(+)SMCG48A
GFX
GFX
53.3
58.9
1.0
48
1.0
19.4
77.4
(+)SMCG51
GFY
GFY
56.7
69.3
1.0
51
1.0
16.5
91.1
(+)SMCG51A
GFZ
GFZ
56.7
62.7
1.0
51
1.0
18.2
82.4
(+)SMCG54
GGD
GGD
60.0
73.3
1.0
54
1.0
15.6
96.3
(+)SMCG54A
GGE
GGE
60.0
66.3
1.0
54
1.0
17.2
87.1
(+)SMCG58
GGF
GGF
64.4
78.7
1.0
58
1.0
14.6
103
(+)SMCG58A
GGG
GGG
64.4
71.2
1.0
58
1.0
16.0
93
(+)SMCG60
GGH
GGH
66.7
81.5
1.0
60
1.0
14.0
107
(+)SMCG60A
GGK
GGK
66.7
73.7
1.0
60
1.0
15.5
96
(+)SMCG64
GGL
GGL
71.1
86.9
1.0
64
1.0
13.2
114
(+)SMCG64A
GGM
GGM
71.1
78.6
1.0
64
1.0
14.6
103
(+)SMCG70
GGN
GGN
77.8
95.1
1.0
70
1.0
12.0
125
(+)SMCG70A
GGP
GGP
77.8
86.0
1.0
70
1.0
13.3
113
(+)SMCG75
GGQ
GGQ
83.3
102
1.0
75
1.0
11.2
134
(+)SMCG75A
GGR
GGR
83.3
92.1
1.0
75
1.0
12.4
121
(+)SMCG78
GGS
GGS
86.7
106
1.0
78
1.0
10.8
139
(+)SMCG78A
GGT
GGT
86.7
95.8
1.0
78
1.0
11.9
126
(+)SMCG85
GGU
GGU
94.4
115
1.0
85
1.0
9.9
151
(+)SMCG85A
GGV
GGV
94.4
104
1.0
85
1.0
10.9
137
(+)SMCG90
GGW
GGW
100
122
1.0
90
1.0
9.4
160
(+)SMCG90A
GGX
GGX
100
111
1.0
90
1.0
10.3
146
(+)SMCG100
GGY
GGY
111
136
1.0
100
1.0
8.4
179
(+)SMCG100A
GGZ
GGZ
111
123
1.0
100
1.0
9.3
162
(+)SMCG110
GHD
GHD
122
149
1.0
110
1.0
7.7
196
(+)SMCG110A
GHE
GHE
122
135
1.0
110
1.0
8.5
177
(+)SMCG120
GHF
GHF
133
163
1.0
120
1.0
7.0
214
(+)SMCG120A
GHG
GHG
133
147
1.0
120
1.0
7.8
193
(+)SMCG130
GHH
GHH
144
176
1.0
130
1.0
6.5
231
(+)SMCG130A
GHK
GHK
144
159
1.0
130
1.0
7.2
209
(+)SMCG150
GHL
GHL
167
204
1.0
150
1.0
5.6
268
(+)SMCG150A
GHM
GHM
167
185
1.0
150
1.0
6.2
243
(+)SMCG160
GHN
GHN
178
218
1.0
160
1.0
5.2
287
(+)SMCG160A
GHP
GHP
178
197
1.0
160
1.0
5.8
259
(+)SMCG170
GHQ
GHQ
189
231
1.0
170
1.0
4.9
304
(+)SMCG170A
GHR
GHR
189
209
1.0
170
1.0
5.5
275
SMCG188
GHT
GHT
209
255
1.0
188
1.0
4.4
344
SMCG188A
GHS
GHS
209
231
1.0
188
1.0
4.6
328
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
MODIFIED
GULL WING
DEVICE MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
(3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A)
(2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
UNI
BI
MIN.
MAX.


Similar Part No. - SMCG5.0A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMCG5.0A GE-SMCG5.0A Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCG5.0A MICROSEMI-SMCG5.0A Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Digitron Semiconductors
SMCG5.0A DIGITRON-SMCG5.0A Datasheet
520Kb / 4P
   TRANSIENT ABSORPTION ZENER DIODES
logo
Microsemi Corporation
SMCG5.0A MICROSEMI-SMCG5.0A Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMCG5.0A VISHAY-SMCG5.0A Datasheet
90Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - SMCG5.0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com