Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMN Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SMN
Description  High Precision Surface Mount 4 Resistor Network
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMN Datasheet(HTML) 3 Page - Vishay Siliconix

  SMN Datasheet HTML 1Page - Vishay Siliconix SMN Datasheet HTML 2Page - Vishay Siliconix SMN Datasheet HTML 3Page - Vishay Siliconix SMN Datasheet HTML 4Page - Vishay Siliconix SMN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMN
Vishay Foil Resistors
High Precision Surface Mount 4 Resistor Network
Dual-In-Line Package with TCR Tracking
≤ 0.5 ppm/°C,
Tolerance Match of 0.01 % and Ratio Stability of 0.005 %
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63081
3
Revision: 19-Apr-07
TABLE 2 - PERFORMANCE SPECIFICATIONS (Per MIL-PRF 914 Test Methods)
SPECIFICATIONS
TYPICAL LIMITS
Power Rating at + 70 °C
Each resistor: 0.1 watts
Entire package: 0.4 watts
Maximum Working Voltage (each resistor)
(P x R)½
TCR
- 55 °C to + 125 °C (25 °C reference)
Absolute (typical and max. spread):
Tracking (maximum):
For R1/R2 = 1
For 1 < R1/R2
≤ 10
For 10 < R1/R2
≤ 100
± 2 ± 3 ppm/°C
1.0 ppm/°C
2.0 ppm/°C
3.0 ppm/°C
Thermal Shock
25 x (- 65 °C to + 125 °C)
ΔR = 0.01 % (100 ppm)
ΔRatio = 0.01 % (100 ppm)
Thermal Shock 5 x (- 65 °C to + 125 °C) and
Power Conditioning 1.5 rated power at 25 °C, 100 hours
ΔR = 0.02 % (200 ppm)
ΔRatio = 0.015 % (150 ppm)
DWV Atm. Pressure 200 V (A.C), 1 minute
Successfully passed
Insulation Resistance 100 V (D.C), 1 minute
> 104 M
Ω
Resistance to Soldering Heat
ΔR = 0.01 % (100 ppm)
ΔRatio = 0.005 % (50 ppm)
Moisture Resistance
+ 65 °C to - 10 °C; 90 % to 98 % RH; 0.1 x rated power; 240 hours
ΔR = 0.02 % (200 ppm)
ΔRatio = 0.005 % (50 ppm)
Shock (Specified Pulse)
100G
ΔR = 0.01 % (100 ppm)
ΔRatio = 0.01 % (100 ppm)
Vibration, High Frequency
(10 Hz - 2000 Hz), 20G
ΔR = 0.005 % (50 ppm)
ΔRatio = 0.005 % (50 ppm)
High Temperature Exposure
100 hours at 125 °C
ΔR = 0.01 % (100 ppm)
ΔRatio = 0.005 % (50 ppm)
Low Temperature Storage
24 hours at - 65 °C
ΔR = 0.005 % (50 ppm)
ΔRatio = 0.005 % (50 ppm)
Load Life Stability
at 70 °C; 0.1 watt per resistor, 2000 hours
ΔR = 0.005 % (50 ppm)
ΔRatio = 0.005 % (50 ppm)
Short Time Overload
6.25 x Rated Power; 5 seconds
ΔR = 0.005 % (50 ppm)
ΔRatio = 0.0025 % (25 ppm)
Weight
0.08 g


Similar Part No. - SMN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMN01L20Q KODENSHI-SMN01L20Q Datasheet
438Kb / 8P
   Logic level N-CH Power MOWFET
SMN01Z30Q KODENSHI-SMN01Z30Q Datasheet
442Kb / 8P
   Advanced N-Ch Power MOSFET
SMN0250F KODENSHI-SMN0250F Datasheet
350Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMN03T80F KODENSHI-SMN03T80F Datasheet
418Kb / 8P
   SWITCHING REGULATOR APPLICATION
logo
VBsemi Electronics Co.,...
SMN03T80F VBSEMI-SMN03T80F Datasheet
2Mb / 9P
   Power MOSFET
More results

Similar Description - SMN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMNZ VISHAY-SMNZ Datasheet
180Kb / 5P
   Ultra High Precision Z-Foil Surface Mount 4 Resistor Network
Revision: 22-May-07
logo
CTS Corporation
766141103GP CTS-766141103GP Datasheet
99Kb / 4P
   Surface Mount Resistor Network
766145191A CTS-766145191A Datasheet
99Kb / 4P
   Surface Mount Resistor Network
767163203GP CTS-767163203GP Datasheet
93Kb / 4P
   Surface Mount Resistor Network
766161103G CTS-766161103G Datasheet
99Kb / 4P
   Surface Mount Resistor Network
766163271G CTS-766163271G Datasheet
99Kb / 4P
   Surface Mount Resistor Network
768163103GPTR13 CTS-768163103GPTR13 Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
766161332GPTR7 CTS-766161332GPTR7 Datasheet
99Kb / 4P
   Surface Mount Resistor Network
767161103G CTS-767161103G Datasheet
93Kb / 4P
   Series 767 Surface Mount Resistor Network
logo
Vishay Siliconix
DFN VISHAY-DFN Datasheet
110Kb / 3P
   Dual Flat No Lead Molded Precision Thin Film Resistor Surface Mount Network
Revision: 28-May-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com