Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFB60FA40P Datasheet(PDF) 7 Page - Vishay Siliconix

Part # UFB60FA40P
Description  Insulated Ultrafast Rectifier Module, 60 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UFB60FA40P Datasheet(HTML) 7 Page - Vishay Siliconix

  UFB60FA40P Datasheet HTML 1Page - Vishay Siliconix UFB60FA40P Datasheet HTML 2Page - Vishay Siliconix UFB60FA40P Datasheet HTML 3Page - Vishay Siliconix UFB60FA40P Datasheet HTML 4Page - Vishay Siliconix UFB60FA40P Datasheet HTML 5Page - Vishay Siliconix UFB60FA40P Datasheet HTML 6Page - Vishay Siliconix UFB60FA40P Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - UFB60FA40P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UFB60FA40P VISHAY-UFB60FA40P Datasheet
146Kb / 8P
   Insulated Ultrafast Rectifier Module, 60 A
Revision: 21-Jul-10
UFB60FA40P VISHAY-UFB60FA40P Datasheet
130Kb / 8P
   Insulated Ultrafast Rectifier Module, 60 A
02-Oct-12
UFB60FA40P VISHAY-UFB60FA40P_10 Datasheet
146Kb / 8P
   Insulated Ultrafast Rectifier Module, 60 A
Revision: 21-Jul-10
UFB60FA40P VISHAY-UFB60FA40P_V01 Datasheet
130Kb / 8P
   Insulated Ultrafast Rectifier Module, 60 A
02-Oct-12
More results

Similar Description - UFB60FA40P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UFB60FA20P VISHAY-UFB60FA20P_V01 Datasheet
144Kb / 8P
   Insulated Ultrafast Rectifier Module, 60 A
02-Oct-12
UFB60FA40P VISHAY-UFB60FA40P_V01 Datasheet
130Kb / 8P
   Insulated Ultrafast Rectifier Module, 60 A
02-Oct-12
UFL60FA60P VISHAY-UFL60FA60P_V01 Datasheet
119Kb / 7P
   Insulated Ultrafast Rectifier Module, 60 A
02-Oct-12
UFL60FA60P VISHAY-UFL60FA60P_10 Datasheet
134Kb / 7P
   Insulated Ultrafast Rectifier Module, 60 A
Revision: 22-Jul-10
UFB60FA60P VISHAY-UFB60FA60P_V01 Datasheet
140Kb / 8P
   Insulated Ultrafast Rectifier Module, 60 A
02-Oct-12
UFB60FA60P VISHAY-UFB60FA60P Datasheet
148Kb / 7P
   Insulated Ultrafast Rectifier Module, 60 A
Revision: 05-May-08
UFL60FA60P VISHAY-UFL60FA60P Datasheet
149Kb / 7P
   Insulated Ultrafast Rectifier Module, 60 A
Revision: 05-May-08
UFB60FA40P VISHAY-UFB60FA40P_10 Datasheet
146Kb / 8P
   Insulated Ultrafast Rectifier Module, 60 A
Revision: 21-Jul-10
UFB60FA60P VISHAY-UFB60FA60P_10 Datasheet
155Kb / 8P
   Insulated Ultrafast Rectifier Module, 60 A
Revision: 21-Jul-10
UFB60FA20P VISHAY-UFB60FA20P Datasheet
114Kb / 7P
   Insulated Ultrafast Rectifier Module, 60 A
Revision: 21-Jul-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com