Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF5V0A-GS08 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SMF5V0A-GS08
Description  Surface Mount ESD Protection Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMF5V0A-GS08 Datasheet(HTML) 1 Page - Vishay Siliconix

  SMF5V0A-GS08 Datasheet HTML 1Page - Vishay Siliconix SMF5V0A-GS08 Datasheet HTML 2Page - Vishay Siliconix SMF5V0A-GS08 Datasheet HTML 3Page - Vishay Siliconix SMF5V0A-GS08 Datasheet HTML 4Page - Vishay Siliconix SMF5V0A-GS08 Datasheet HTML 5Page - Vishay Siliconix SMF5V0A-GS08 Datasheet HTML 6Page - Vishay Siliconix SMF5V0A-GS08 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SMF5V0A to SMF51A
Document Number 85811
Rev. 2.3, 27-Oct-08
Vishay Semiconductors
www.vishay.com
1
For technical support, please contact: ESD-Protection@vishay.com
Surface Mount ESD Protection Diodes
Features
• For surface mounted applications
• Low-profile package
• Optimized for LAN protection applications
• Ideal for ESD protection of data lines in
accordance
with
IEC
61000-4-2
(IEC 801-2)
• Ideal for EFT protection of data lines in
accordance with IEC 61000-4-4 (IEC 801-4)
• IEC 61000-4-2 (ESD) 15 kV (air) 8 kV (contact)
• Low
incremental
surge
resistance,
excellent
clamping capability
• 200 W peak pulse power capability with a
10/1000 µs waveform, repetition rate (duty cycle):
0.01 %
• Very fast response time
• High
temperature
soldering
guaranteed:
260 °C/10 s at terminals
• AEC Q101 qualified
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21
Mechanical Data
Case: JEDEC DO-219AB (SMF®) plastic case
Terminals:
Solder
plated,
solderable
per
MIL-STD-750, method 2026
Polarity: The band denotes the cathode which is
positive with respect to the anode under normal TVS
operation
Mounting position: any
Weight: approx. 15 mg
Ordering Information/Packaging Codes
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Note
1) Non-repetitive current pulse and derated above T
A = 25 °C
17249
Parameter
Test conditions
Symbol
Value
Unit
Peak pulse power dissipation
10/1000 µs waveform 1)
PPPM
200
W
8/20 µs waveform 1)
PPPM
1000
W
Peak pulse current
10/1000 µs waveform 1)
IPPM
Next table
A
Peak forward surge current
8.3 ms single half sine-wave
IFSM
20
A
SMF5V0A-GSxx
GS08 = 3K per 7" reel (8 mm tape)
GS18 = 10K per 13" reel (8 mm tape)
Part number
SMF5V0A-M-xx
08 = 3K per 7" reel (8 mm tape)
18 = 10K per 13" reel (8 mm tape)
Environmental suffix -M- defines halogen-free
Part number


Similar Part No. - SMF5V0A-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF5V0A- VISHAY-SMF5V0A- Datasheet
148Kb / 7P
   Surface-Mount ESD Protection Diodes
01-Jan-2022
SMF5V0A-E3-08 VISHAY-SMF5V0A-E3-08 Datasheet
148Kb / 7P
   Surface-Mount ESD Protection Diodes
01-Jan-2022
SMF5V0A-E3-18 VISHAY-SMF5V0A-E3-18 Datasheet
148Kb / 7P
   Surface-Mount ESD Protection Diodes
01-Jan-2022
SMF5V0A-HE3-08 VISHAY-SMF5V0A-HE3-08 Datasheet
148Kb / 7P
   Surface-Mount ESD Protection Diodes
01-Jan-2022
SMF5V0A-HE3-18 VISHAY-SMF5V0A-HE3-18 Datasheet
148Kb / 7P
   Surface-Mount ESD Protection Diodes
01-Jan-2022
More results

Similar Description - SMF5V0A-GS08

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
   SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF22A-GS08 VISHAY-SMF22A-GS08 Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com