Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG06D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UG06D
Description  Miniature Ultrafast Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG06D Datasheet(HTML) 2 Page - Vishay Siliconix

  UG06D Datasheet HTML 1Page - Vishay Siliconix UG06D Datasheet HTML 2Page - Vishay Siliconix UG06D Datasheet HTML 3Page - Vishay Siliconix UG06D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UG06A thru UG06D
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88757
Revision: 20-Aug-07
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) Thermal resistance from junction to ambient and junction to lead at 0.375" (9.5 mm) lead length P.C.B. mounted with 0.2 x 0.2" (5.0 x 5.0 mm)
copper pads
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Maximum instantaneous
forward voltage (1)
IF = 0.6 A
VF
0.95
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
TA = 100 °C
IR
5.0
100
µA
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
15
ns
Maximum reverse recovery time
IF = 0.6 A, VR = 30 V,
dI/dt = 50 A/µs, Irr = 10 % IRM
TJ = 25 °C
TJ = 100 °C
trr
25
35
ns
Maximum stored charge
IF = 0.6 A, VR = 30 V,
dI/dt = 50 A/µs, Irr = 10 % IRM
TJ = 25 °C
TJ = 100 C
Qrr
8.0
20
nC
Typical junction capacitance
4 V, 1 MHz
CJ
9.0
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UG06A
UG06B
UG06C
UG06D
UNITS
Typical thermal resistance (1)
RθJA
RθJL
97
28
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
UG06D-E3/54
0.181
54
5500
13" diameter paper tape and reel
UG06D-E3/73
0.181
73
3000
Ammo pack packaging
Figure 1. Maximum Forward Current Derating Curves
0
25
50
75
100
125
150
175
0
0.15
0.30
0.45
0.60
0.75
0.90
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
T
L Lead Temperature
T
A, Ambient Temperature
P.C.B. Mounted
0.2 x 0.2" (5.0 x 5.0 mm)
Copper Pads
Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
1
10
100
1
10
100
T
J = 75 °C
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz


Similar Part No. - UG06D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG06D GE-UG06D Datasheet
51Kb / 2P
   MINIATURE ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
UG06D TSC-UG06D Datasheet
67Kb / 2P
   0.6 AMP. Ultrafast Plastic Rectifiers
UG06D TSC-UG06D Datasheet
247Kb / 2P
   0.6 AMP. Glass Passivated Super Fast Rectifiers
logo
Vishay Siliconix
UG06D VISHAY-UG06D Datasheet
71Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
logo
Taiwan Semiconductor Co...
UG06D TSC-UG06D Datasheet
602Kb / 2P
   0.6AMP. Glass Passivated Super Fast rectifiers
More results

Similar Description - UG06D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG2D-E3-54 VISHAY-UG2D-E3-54 Datasheet
71Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG4A VISHAY-UG4A_V01 Datasheet
81Kb / 4P
   Miniature Ultrafast Plastic Rectifier
01-Jan-2022
UG1A VISHAY-UG1A_V01 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
02-Oct-12
UG1A VISHAY-UG1A_09 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 19-Nov-09
UG4A VISHAY-UG4A Datasheet
95Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 20-Aug-07
UG06D-E3-54 VISHAY-UG06D-E3-54 Datasheet
72Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG1D-E3-73 VISHAY-UG1D-E3-73 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 19-Nov-09
UG06A VISHAY-UG06A_V01 Datasheet
74Kb / 4P
   Miniature Ultrafast Plastic Rectifier
02-Oct-12
UG4A VISHAY-UG4A_09 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG2A VISHAY-UG2A_09 Datasheet
71Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com