Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUM110N04-2M1P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUM110N04-2M1P
Description  N-Channel 40-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM110N04-2M1P Datasheet(HTML) 1 Page - Vishay Siliconix

  SUM110N04-2M1P Datasheet HTML 1Page - Vishay Siliconix SUM110N04-2M1P Datasheet HTML 2Page - Vishay Siliconix SUM110N04-2M1P Datasheet HTML 3Page - Vishay Siliconix SUM110N04-2M1P Datasheet HTML 4Page - Vishay Siliconix SUM110N04-2M1P Datasheet HTML 5Page - Vishay Siliconix SUM110N04-2M1P Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
SUM110N04-2m1P
New Product
Document Number: 69983
S-80680-Rev. A, 31-Mar-08
www.vishay.com
1
N-Channel 40-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
100 % Rg and UIS Tested
APPLICATIONS
Synchronous Rectification
Power Supplies
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a, c
Qg (Typ.)
40
0.0021 at VGS = 10 V
110
240 nC
0.0024 at VGS = 4.5 V
110
Ordering Information: SUM110N04-2m1P-E3 (Lead (Pb)-free)
TO-263
S
D
G
Top View
N-Channel MOSFET
G
D
S
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. Calculated based on maximum junction temperature. Package limitation current is 110 A.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 175 °C)
TC = 25 °C
ID
110a, c
A
TC = 70 °C
110c
TA = 25 °C
29b
TA = 70 °C
23b
Pulsed Drain Current
IDM
250
Avalanche Current Pulse
L = 0.1 mH
IAS
80
Single Pulse Avalanche Energy
EAS
320
V
Continuous Source-Drain Diode Current
TC = 25 °C
IS
110a, c
A
TA = 25 °C
2.6b
Maximum Power Dissipation
TC = 25 °C
PD
312a
W
TC = 70 °C
200
TA = 25 °C
3.13b
TA = 70 °C
2.0b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb
Steady State
RthJA
32
40
°C/W
Maximum Junction-to-Case
Steady State
RthJC
0.33
0.4
RoHS
COMPLIANT


Similar Part No. - SUM110N04-2M1P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM110N04-2M3L VISHAY-SUM110N04-2M3L Datasheet
121Kb / 6P
   N-Channel 40-V (D-S) 175 °C MOSFET
Rev. B, 11-Feb-08
SUM110N04-2M7H VISHAY-SUM110N04-2M7H Datasheet
179Kb / 3P
   N-Channel 40-V (D-S) 175C MOSFET
09-Jun-04
More results

Similar Description - SUM110N04-2M1P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com