Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCG60 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMCG60
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMCG60 Datasheet(HTML) 2 Page - Vishay Siliconix

  SMCG60 Datasheet HTML 1Page - Vishay Siliconix SMCG60 Datasheet HTML 2Page - Vishay Siliconix SMCG60 Datasheet HTML 3Page - Vishay Siliconix SMCG60 Datasheet HTML 4Page - Vishay Siliconix SMCG60 Datasheet HTML 5Page - Vishay Siliconix SMCG60 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMCG5.0 thru SMCG188CA
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88457
Revision: 22-Oct-08
2
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
MODIFIED
GULL WING
DEVICE MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
(3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A)
(2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
UNI
BI
MIN.
MAX.
(+)SMCG5.0
GDD
GDD
6.40
7.82
10.0
5.0
1000
156.3
9.6
(+)SMCG5.0A(5)
GDE
GDE
6.40
7.07
10.0
5.0
1000
163.0
9.2
(+)SMCG6.0
GDF
GDF
6.67
8.15
10.0
6.0
1000
131.6
11.4
(+)SMCG6.0A
GDG
GDG
6.67
7.37
10.0
6.0
1000
145.6
10.3
(+)SMCG6.5
GDH
BDH
7.22
8.82
10.0
6.5
500
122.0
12.3
(+)SMCG6.5A
GDK
BDK
7.22
7.98
10.0
6.5
500
133.9
11.2
(+)SMCG7.0
GDL
GDL
7.78
9.51
10.0
7.0
200
112.8
13.3
(+)SMCG7.0A
GDM
GDM
7.78
8.60
10.0
7.0
200
125.0
12.0
(+)SMCG7.5
GDN
BDN
8.33
10.2
1.0
7.5
100
104.9
14.3
(+)SMCG7.5A
GDP
BDP
8.33
9.21
1.0
7.5
100
116.3
12.9
(+)SMCG8.0
GDQ
BDG
8.89
10.9
1.0
8.0
50
100.0
15.0
(+)SMCG8.0A
GDR
BDR
8.89
9.83
1.0
8.0
50
110.3
13.6
(+)SMCG8.5
GDS
BDS
9.44
11.5
1.0
8.5
20
94.3
15.9
(+)SMCG8.5A
GDT
BDT
9.44
10.4
1.0
8.5
20
104.2
14.4
(+)SMCG9.0
GDU
BDU
10.0
12.2
1.0
9.0
10
88.8
16.9
(+)SMCG9.0A
GDV
BDV
10.0
11.1
1.0
9.0
10
97.4
15.4
(+)SMCG10
GDW
BDW
11.1
13.6
1.0
10
5.0
79.8
18.8
(+)SMCG10A
GDX
BDX
11.1
12.3
1.0
10
5.0
88.2
17.0
(+)SMCG11
GDY
GDY
12.2
14.9
1.0
11
5.0
74.6
20.1
(+)SMCG11A
GDZ
GDZ
12.2
13.5
1.0
11
5.0
82.4
18.2
(+)SMCG12
GED
BED
13.3
16.3
1.0
12
5.0
68.2
22.0
(+)SMCG12A
GEE
BEE
13.3
14.7
1.0
12
5.0
75.4
19.9
(+)SMCG13
GEF
GEF
14.4
17.6
1.0
13
1.0
63.0
23.8
(+)SMCG13A
GEG
GEG
14.4
15.9
1.0
13
1.0
69.8
21.5
(+)SMCG14
GEH
BEH
15.6
19.1
1.0
14
1.0
58.1
25.8
(+)SMCG14A
GEK
BEK
15.6
17.2
1.0
14
1.0
64.7
23.2
(+)SMCG15
GEL
BEL
16.7
20.4
1.0
15
1.0
55.8
26.9
(+)SMCG15A
GEM
BEM
16.7
18.5
1.0
15
1.0
61.5
24.4
(+)SMCG16
GEN
GEN
17.8
21.8
1.0
16
1.0
52.1
28.8
(+)SMCG16A
GEP
GEP
17.8
19.7
1.0
16
1.0
57.7
26.0
(+)SMCG17
GEQ
GEQ
18.9
23.1
1.0
17
1.0
49.2
30.5
(+)SMCG17A
GER
GER
18.9
20.9
1.0
17
1.0
54.3
27.6
(+)SMCG18
GES
BES
20.0
24.4
1.0
18
1.0
46.6
32.2
(+)SMCG18A
GET
BET
20.0
22.1
1.0
18
1.0
51.4
29.2
(+)SMCG20
GEU
BEU
22.2
27.1
1.0
20
1.0
41.9
35.8
(+)SMCG20A
GEV
BEV
22.2
24.5
1.0
20
1.0
46.3
32.4
(+)SMCG22
GEW
BEW
24.4
29.8
1.0
22
1.0
38.1
39.4
(+)SMCG22A
GEX
BEX
24.4
26.9
1.0
22
1.0
42.3
35.5
(+)SMCG24
GEY
BEY
26.7
32.6
1.0
24
1.0
34.9
43.0
(+)SMCG24A
GEZ
BEZ
26.7
29.5
1.0
24
1.0
38.6
38.9
(+)SMCG26
GFD
BFD
28.9
35.3
1.0
26
1.0
32.2
46.6
(+)SMCG26A
GFE
BFE
28.9
31.9
1.0
26
1.0
35.6
42.1
(+)SMCG28
GFF
BFF
31.1
38.0
1.0
28
1.0
30.0
50.0
(+)SMCG28A
GFG
BFG
31.1
34.4
1.0
28
1.0
33.0
45.4
(+)SMCG30
GFH
BFH
33.3
40.7
1.0
30
1.0
28.0
53.5
(+)SMCG30A
GFK
BFK
33.3
36.8
1.0
30
1.0
31.0
48.4
(+)SMCG33
GFL
BFL
36.7
44.9
1.0
33
1.0
25.4
59.0
(+)SMCG33A
GFM
BFM
36.7
40.6
1.0
33
1.0
28.1
53.3
(+)SMCG36
GFN
BFN
40.0
48.9
1.0
36
1.0
23.3
64.3
(+)SMCG36A
GFP
BFP
40.0
44.2
1.0
36
1.0
25.8
58.1
(+)SMCG40
GFQ
BFQ
44.4
54.3
1.0
40
1.0
21.0
71.4
(+)SMCG40A
GFR
BFR
44.4
49.1
1.0
40
1.0
23.3
64.5


Similar Part No. - SMCG60

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMCG60 GE-SMCG60 Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCG60 MICROSEMI-SMCG60 Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SMCG60 MICROSEMI-SMCG60 Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Digitron Semiconductors
SMCG60 DIGITRON-SMCG60 Datasheet
520Kb / 4P
   TRANSIENT ABSORPTION ZENER DIODES
logo
Microsemi Corporation
SMCG6036 MICROSEMI-SMCG6036 Datasheet
257Kb / 4P
   5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors
More results

Similar Description - SMCG60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com