Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA30A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # P4SMA30A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P4SMA30A Datasheet(HTML) 4 Page - Vishay Siliconix

  P4SMA30A Datasheet HTML 1Page - Vishay Siliconix P4SMA30A Datasheet HTML 2Page - Vishay Siliconix P4SMA30A Datasheet HTML 3Page - Vishay Siliconix P4SMA30A Datasheet HTML 4Page - Vishay Siliconix P4SMA30A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P4SMA Series
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88367
Revision: 21-Oct-08
4
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 5. Typical Transient Thermal Impedance
1
10
100
1000
0.001
0.01
0.1
100
1
10
1000
tp - Pulse Duration (s)
Figure 6. Maximum Non-Repetitive Forward Surge Current
Uni-Directional Only
10
5
1
50
100
10
50
100
200
Number of Cycles at 60 Hz
T
J = TJ max.
8.3 ms Single Half Sine-Wave
0.030 (0.76)
0.060 (1.52)
0.008 (0.203)
0.194 (4.93)
0.208 (5.28)
0.157 (3.99)
0.177 (4.50)
0.100 (2.54)
0.110 (2.79)
0.078 (1.98)
0.090 (2.29)
0.006 (0.152)
0.012 (0.305)
0.049 (1.25)
0.065 (1.65)
Cathode Band
0 (0)
DO-214AC (SMA)
Mounting Pad Layout
0.074 (1.88)
MAX.
0.208 (5.28)
REF.
0.066 (1.68)
MIN.
0.060 (1.52)
MIN.


Similar Part No. - P4SMA30A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA30A WTE-P4SMA30A Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA30A DGNJDZ-P4SMA30A Datasheet
100Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA30A SSC-P4SMA30A Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
DONGGUAN YOU FENG WEI E...
P4SMA30A YFWDIODE-P4SMA30A Datasheet
510Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Ruilongyuan Electronics...
P4SMA30A RUILON-P4SMA30A Datasheet
878Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P4SMA30A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com