Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE13A Datasheet(PDF) 6 Page - Vishay Siliconix

Part # P6KE13A
Description  TRANSZORB® Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6KE13A Datasheet(HTML) 6 Page - Vishay Siliconix

  P6KE13A Datasheet HTML 1Page - Vishay Siliconix P6KE13A Datasheet HTML 2Page - Vishay Siliconix P6KE13A Datasheet HTML 3Page - Vishay Siliconix P6KE13A Datasheet HTML 4Page - Vishay Siliconix P6KE13A Datasheet HTML 5Page - Vishay Siliconix P6KE13A Datasheet HTML 6Page - Vishay Siliconix P6KE13A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
P6KE6.8 thru P6KE540A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88369
Revision: 22-Oct-08
6
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
APPLICATION NOTE
This P6KE TVS series is a low cost commercial
product for use in applications where large voltage
transients can permanently damage voltage-sensitive
components.
The P6KE series device types are designed in a small
package
size
where
power
and
space
is
a
consideration. They are characterized by their high
surge capability, extremely fast response time, and low
impedance, (Ron). Because of the unpredictable
nature
of
transients,
and
the
variation
of
the
impedance
with
respect
to
these
transients,
impedance, per se, is not specified as a parametric
value. However, a minimum voltage at low current
conditions (BV) and a maximum clamping voltage (Vc)
at a maximum peak pulse current is specified.
In some instances, the thermal effect (see Vc
Clamping Voltage) may be responsible for 50 % to
70 %. of the observed voltage differential when
subjected to high current pulses for several duty
cycles,
thus
making
a
maximum
impedance
specification insignificant.
In case of a severe current overload or abnormal
transient beyond the maximum ratings, the Transient
Voltage Suppressor will initially fail 'short' thus tripping
the system's circuit breaker or fuse while protecting the
entire circuit. Curves depicting clamping voltage vs.
various current pulses are available from the factory.
Extended power curves vs. pulse time are also
available.
Figure 7. Typical Transient Thermal Impedance
tp - Pulse Duration (s)
10
100
1
0.1
0.001
0.01
0.1
1
10
100
1000
DO-204AC (DO-15)
0.034 (0.86)
0.028 (0.71)
DIA.
0.140 (3.6)
0.104 (2.6)
DIA.
1.0 (25.4)
MIN.
0.300 (7.6)
0.230 (5.8)
1.0 (25.4)
MIN.


Similar Part No. - P6KE13A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
P6KE13A MDE-P6KE13A Datasheet
78Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
P6KE13A SHUNYE-P6KE13A Datasheet
937Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Motorola, Inc
P6KE13A MOTOROLA-P6KE13A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Socay Electornics Co., ...
P6KE13A SOCAY-P6KE13A Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Pan Jit International I...
P6KE13A PANJIT-P6KE13A Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
More results

Similar Description - P6KE13A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P4KE6.8 VISHAY-P4KE6.8 Datasheet
107Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
5KP30A-E3-54 VISHAY-5KP30A-E3-54 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 20-Nov-12
1N6386 VISHAY-1N6386 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P6KE400CA-E354 VISHAY-P6KE400CA-E354 Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
ICTE8-E354 VISHAY-ICTE8-E354 Datasheet
89Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
5KP188A VISHAY-5KP188A Datasheet
104Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
SA170CA VISHAY-SA170CA Datasheet
117Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
5KP188A VISHAY-5KP188A_V02 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
09-Jul-2021
5KP188A VISHAY-5KP188A_V03 Datasheet
82Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
BZW04P-5V8 VISHAY-BZW04P-5V8 Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com