Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA36A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P4SMA36A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P4SMA36A Datasheet(HTML) 1 Page - Vishay Siliconix

  P4SMA36A Datasheet HTML 1Page - Vishay Siliconix P4SMA36A Datasheet HTML 2Page - Vishay Siliconix P4SMA36A Datasheet HTML 3Page - Vishay Siliconix P4SMA36A Datasheet HTML 4Page - Vishay Siliconix P4SMA36A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P4SMA Series
Vishay General Semiconductor
Document Number: 88367
Revision: 21-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Surface Mount TRANSZORB® Transient Voltage Suppressors
FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated chip junction
• Available in uni-directional and bi-directional
400 W peak pulse power capability with a
10/1000 µs waveform, repetitive rate (duty
cycle): 0.01 % (300 W above 91 V)
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
Use
in
sensitive
electronics
protection
against
voltage transients induced by inductive load switching
and lighting on ICs, MOSFET, signal lines of
sensor units for consumer, computer, industrial and
telecommunication.
MECHANICAL DATA
Case: DO-214AC (SMA)
Molding compound meets UL 94 V-0 flammability
rating
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, high reliability/
automotive grade (AEC Q101 qualified)
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3
suffix meets JESD 201 class 2 whisker test
Polarity: For uni-directional types the band denotes
cathode end, no marking on bi-directional types
DEVICES FOR BI-DIRECTION APPLICATIONS
For
bi-directional
devices
use
CA
suffix
(e.g.
P4SMA10CA).
Electrical characteristics apply in both directions.
PRIMARY CHARACTERISTICS
VBR uni-directional
6.8 V to 540 V
VBR bi-directional
6.8 V to 220 V
PPPM
400 W, 300 W
PD
3.3 W
IFSM (uni-directional only)
40 A
TJ max.
150 °C
DO-214AC (SMA)
Notes:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2. Rating is 300 W above 91 V
(2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak power dissipation with a 10/1000 µs waveform (1)(2) (Fig. 1)
PPPM
400
W
Peak pulse current with a 10/1000 µs waveform (1) (Fig. 3)
IPPM
See next table
A
Power dissipation on infinite heatsink, TA = 50 °C
PD
3.3
W
Peak forward surge current 8.3 ms single half sine-wave uni-directional only (2)
IFSM
40
A
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 150
°C


Similar Part No. - P4SMA36A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA36A WTE-P4SMA36A Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA36A DGNJDZ-P4SMA36A Datasheet
100Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA36A SSC-P4SMA36A Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
DONGGUAN YOU FENG WEI E...
P4SMA36A YFWDIODE-P4SMA36A Datasheet
510Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Ruilongyuan Electronics...
P4SMA36A RUILON-P4SMA36A Datasheet
878Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P4SMA36A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com