Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ110A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SMCJ110A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMCJ110A Datasheet(HTML) 5 Page - Vishay Siliconix

  SMCJ110A Datasheet HTML 1Page - Vishay Siliconix SMCJ110A Datasheet HTML 2Page - Vishay Siliconix SMCJ110A Datasheet HTML 3Page - Vishay Siliconix SMCJ110A Datasheet HTML 4Page - Vishay Siliconix SMCJ110A Datasheet HTML 5Page - Vishay Siliconix SMCJ110A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMCJ5.0 thru SMCJ188CA
Vishay General Semiconductor
Document Number: 88394
Revision: 21-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
5
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 5. Typical Transient Thermal Impedance
0.1
1.0
10
100
0.001
0.01
0.1
10
1
100
1000
tp - Pulse Duration (s)
Figure 6. Maximum Non-Repetitive Forward Surge Current
Uni-Directional Use Only
1
10
100
10
100
200
T
J = TJ max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
0.260 (6.60)
0.280 (7.11)
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.008 (0.2)
0.305 (7.75)
0.320 (8.13)
0.220 (5.59)
0.246 (6.22)
0.079 (2.06)
0.103 (2.62)
0.114 (2.90)
0.126 (3.20)
Cathode Band
DO-214AB (SMC J-Bend)
0.320 REF.
0.060 (1.52)
MIN.
Mounting Pad Layout
0 (0)
0.126 (3.20)
MIN.
0.185 (4.69)
MAX.


Similar Part No. - SMCJ110A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ110A DCCOM-SMCJ110A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ110A VISHAY-SMCJ110A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
logo
Micro Commercial Compon...
SMCJ110A MCC-SMCJ110A Datasheet
232Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
DAESAN ELECTRONIC CORP.
SMCJ110A DAESAN-SMCJ110A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMCJ110A TSC-SMCJ110A Datasheet
109Kb / 5P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ110A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com