Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB817 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # 2SB817
Description  POWER TRANSISTORS(12A,140V,100W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SB817 Datasheet(HTML) 3 Page - Mospec Semiconductor

  2SB817 Datasheet HTML 1Page - Mospec Semiconductor 2SB817 Datasheet HTML 2Page - Mospec Semiconductor 2SB817 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A


Similar Part No. - 2SB817

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SB817 WINGS-2SB817 Datasheet
48Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Sanyo Semicon Device
2SB817 SANYO-2SB817 Datasheet
116Kb / 4P
   140V/12A, AF 60W Output Applications??????
logo
Savantic, Inc.
2SB817 SAVANTIC-2SB817 Datasheet
186Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB817 JMNIC-2SB817 Datasheet
204Kb / 4P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB817 ISC-2SB817 Datasheet
172Kb / 4P
   Silicon PNP Power Transistors
More results

Similar Description - 2SB817

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD1047 MOSPEC-2SD1047 Datasheet
130Kb / 3P
   POWER TRANSISTORS(12A,140V,100W)
2N6569 MOSPEC-2N6569 Datasheet
144Kb / 3P
   POWER TRANSISTORS(12A,40V,100W)
2N6594 MOSPEC-2N6594 Datasheet
154Kb / 3P
   POWER TRANSISTORS(12A,40V,100W)
MJE13008 MOSPEC-MJE13008 Datasheet
179Kb / 4P
   POWER TRANSISTORS(12A,300-400V,100W)
logo
Sanyo Semicon Device
2SB817C SANYO-2SB817C Datasheet
450Kb / 2P
   140V / 12A, AF 80W Output Applications
logo
Mospec Semiconductor
2N3773 MOSPEC-2N3773 Datasheet
143Kb / 3P
   POWER TRANSISTORS(16A,140V,150W)
logo
Sanyo Semicon Device
2SD2639 SANYO-2SD2639 Datasheet
29Kb / 4P
   140V / 12A, AF 60W Output Applications
2SD1047 SANYO-2SD1047 Datasheet
127Kb / 4P
   140V/12A AF 60W Output Applications
logo
Mospec Semiconductor
2N3441 MOSPEC-2N3441 Datasheet
94Kb / 2P
   POWER TRANSISTORS(3A,140V,25W)
MJ15003 MOSPEC-MJ15003 Datasheet
156Kb / 3P
   POWER TRANSISTORS(20A,140V,250W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com