Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKDL450 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSKDL450
Description  Fast Diodes, 460 A (SUPER MAGN-A-PAKTM Power Modules)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKDL450 Datasheet(HTML) 3 Page - Vishay Siliconix

  VSKDL450 Datasheet HTML 1Page - Vishay Siliconix VSKDL450 Datasheet HTML 2Page - Vishay Siliconix VSKDL450 Datasheet HTML 3Page - Vishay Siliconix VSKDL450 Datasheet HTML 4Page - Vishay Siliconix VSKDL450 Datasheet HTML 5Page - Vishay Siliconix VSKDL450 Datasheet HTML 6Page - Vishay Siliconix VSKDL450 Datasheet HTML 7Page - Vishay Siliconix VSKDL450 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 93165
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 12-Jun-08
3
VSKDL450..S20 Series
Fast Diodes, 460 A
(SUPER MAGN-A-PAKTM Power Modules)
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum operating junction and storage
temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to case per junction
RthJC
DC operation
0.065
K/W
Maximum thermal resistance,
case to heatsink
RthC-hs
0.02
Mounting torque ± 10 %
SMAP to heatsink
A mounting compound is recommended and
the torque should be rechecked after a
period of 3 hours to allow for the spread
of the compound.
6 to 8
Nm
busbar to SMAP
12 to 15
Approximate weight
1500
g
Case style
See dimensions - link at the end of datasheet
SUPER MAGN-A-PAK
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.009
0.006
TJ = TJ maximum
K/W
120°
0.011
0.011
90°
0.014
0.015
60°
0.021
0.022
30°
0.037
0.038


Similar Part No. - VSKDL450

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDL450 VISHAY-VSKDL450 Datasheet
202Kb / 9P
   Fast Diodes, 460 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSKDL450-16S20 VISHAY-VSKDL450-16S20 Datasheet
202Kb / 9P
   Fast Diodes, 460 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSKDL450-20S20 VISHAY-VSKDL450-20S20 Datasheet
202Kb / 9P
   Fast Diodes, 460 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSKDL450-25S20 VISHAY-VSKDL450-25S20 Datasheet
202Kb / 9P
   Fast Diodes, 460 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSKDL450 VISHAY-VSKDL450_10 Datasheet
202Kb / 9P
   Fast Diodes, 460 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
More results

Similar Description - VSKDL450

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDL450 VISHAY-VSKDL450_10 Datasheet
202Kb / 9P
   Fast Diodes, 460 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSKD600 VISHAY-VSKD600 Datasheet
240Kb / 7P
   Standard Diodes, 600 A(SUPER MAGN-A-PAKTM Power Modules)
Revision: 11-Aug-08
VSKDL240-06S10 VISHAY-VSKDL240-06S10 Datasheet
287Kb / 11P
   Fast Recovery Diodes, 250 A (MAGN-A-PAKTM Power Modules)
Revision: 22-Apr-08
VSKD250 VISHAY-VSKD250 Datasheet
279Kb / 12P
   Standard Recovery Diodes, 250 to 320 A (MAGN-A-PAKTM Power Modules)
Revision: 30-Oct-08
VSKT430 VISHAY-VSKT430 Datasheet
237Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor, 430 A (SUPER MAGN-A-PAKTM Power Modules)
Revision: 12-Aug-08
VSKT500 VISHAY-VSKT500 Datasheet
176Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAKTM Power Modules), 500 A
Revision: 20-Mar-08
VSKTF180 VISHAY-VSKTF180 Datasheet
203Kb / 9P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 180 A
Revision: 22-Apr-08
VSKTF200 VISHAY-VSKTF200 Datasheet
204Kb / 9P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 200 A
Revision: 03-Jun-08
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
261Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 05-Dec-16
VSKD600 VISHAY-VSKD600_10 Datasheet
244Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com